Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN74HC257 Datasheet (PDF) - Integral Corp.

IN74HC257 Datasheet PDF - Integral Corp.
Part # IN74HC257
Download  IN74HC257 Download
File Size   116.0 Kbytes
Page   5 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Performance Silicon-Gate CMOS

IN74HC257 Datasheet (PDF)

Go To PDF Page Download Datasheet
IN74HC257 Datasheet PDF - Integral Corp.

Part # IN74HC257
Download  IN74HC257 Click to download

File Size   116.0 Kbytes
Page   5 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Performance Silicon-Gate CMOS

IN74HC257 Datasheet (HTML) - Integral Corp.


IN74HC257 Product details

Quad 2-Input Data Selector/Multiplexer with 3-State Outputs

High-Performance Silicon-Gate CMOS



The IN74HC257 is identical in pinout to the LS/ALS257. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LS/ALSTTL outputs.

This device selects a (4-bit) nibble from either the A or B inputs as determined by the Select input. The nibble is presented at the outputs in noninverted from when the Output Enable pin is at a low level. A high level on the Output Enable pin switches the outputs into the high impedance state.



• Outputs Directly Interface to CMOS, NMOS, and TTL

• Operating Voltage Range: 2.0 to 6.0 V

• Low Input Current: 1.0 µA

• High Noise Immunity Characteristic of CMOS Devices



 




Similar Part No. - IN74HC257

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74HC257A IKSEMICON-IN74HC257A Datasheet
212Kb / 6P
Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Performance Silicon-Gate CMOS
IN74HC257AD IKSEMICON-IN74HC257AD Datasheet
212Kb / 6P
Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Performance Silicon-Gate CMOS
IN74HC257AN IKSEMICON-IN74HC257AN Datasheet
212Kb / 6P
Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Performance Silicon-Gate CMOS
More results


Similar Description - IN74HC257

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74AC257 KODENSHI-KK74AC257 Datasheet
278Kb / 6P
Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS
KK74AC258 KODENSHI-KK74AC258 Datasheet
278Kb / 6P
Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS
KK74ACT257 KODENSHI-KK74ACT257 Datasheet
274Kb / 6P
Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS
KK74ACT258 KODENSHI-KK74ACT258 Datasheet
274Kb / 6P
Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS
KK74HC257A KODENSHI-KK74HC257A Datasheet
225Kb / 6P
Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC257A IKSEMICON-IN74HC257A Datasheet
212Kb / 6P
Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Performance Silicon-Gate CMOS
IN74AC257 IKSEMICON-IN74AC257 Datasheet
199Kb / 6P
Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS
IN74AC258 IKSEMICON-IN74AC258 Datasheet
198Kb / 6P
Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS
IN74ACT257 IKSEMICON-IN74ACT257 Datasheet
260Kb / 6P
Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS
IN74ACT258 IKSEMICON-IN74ACT258 Datasheet
260Kb / 6P
Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com