Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIRC10DP Datasheet (PDF) - Vishay Siliconix

SIRC10DP Datasheet PDF - Vishay Siliconix
Part # SIRC10DP
Download  SIRC10DP Download
File Size   234.84 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 30 V (D-S) MOSFET With Schottky Diode

SIRC10DP Datasheet (PDF)

Go To PDF Page Download Datasheet
SIRC10DP Datasheet PDF - Vishay Siliconix

Part # SIRC10DP
Download  SIRC10DP Click to download

File Size   234.84 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 30 V (D-S) MOSFET With Schottky Diode

SIRC10DP Datasheet (HTML) - Vishay Siliconix


SIRC10DP Product details

• TrenchFET® Gen IV power MOSFET
• SKYFET® with monolithic Schottky diode
• 100 % Rg and UIS tested




Similar Part No. - SIRC10DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIRC16DP VISHAY-SIRC16DP Datasheet
197Kb / 7P
N-Channel 25 V (D-S) MOSFET with Schottky Diode
05-Sep-16
SIRC16DP VISHAY-SIRC16DP Datasheet
253Kb / 9P
N-Channel 25 V (D-S) MOSFET with Schottky Diode
08-May-17
SIRC16DP-T1-GE3 VISHAY-SIRC16DP-T1-GE3 Datasheet
253Kb / 9P
N-Channel 25 V (D-S) MOSFET with Schottky Diode
08-May-17
SIRC16DP VISHAY-SIRC16DP_V01 Datasheet
253Kb / 9P
N-Channel 25 V (D-S) MOSFET with Schottky Diode
08-May-17
SIRC18DP VISHAY-SIRC18DP Datasheet
231Kb / 9P
N-Channel 30 V (D-S) MOSFET With Schottky Diode
09-Aug-2021
More results


Similar Description - SIRC10DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4810DY VISHAY-SI4810DY Datasheet
43Kb / 5P
N-Channel 30-V (D-S) MOSFET with Schottky Diode
26-May-03
SI7720DN VISHAY-SI7720DN Datasheet
552Kb / 14P
N-Channel 30-V (D-S) MOSFET with Schottky Diode
04-Aug-08
SIE726DF VISHAY-SIE726DF Datasheet
210Kb / 10P
N-Channel 30-V (D-S) MOSFET with Schottky Diode
13-Jul-09
logo
Unisonic Technologies
UT4810D UTC-UT4810D Datasheet
201Kb / 5P
N-CHANNEL 30-V (D-S) MOSFET WITH SCHOTTKY DIODE
logo
Vishay Siliconix
SI4812BDY-E3 VISHAY-SI4812BDY-E3 Datasheet
254Kb / 9P
N-Channel 30-V (D-S) MOSFET with Schottky Diode
29-Dec-08
logo
Vishay Telefunken
SI7748DP TFUNK-SI7748DP Datasheet
385Kb / 13P
N-Channel 30 V (D-S) MOSFET with Schottky Diode
SIS782DN TFUNK-SIS782DN Datasheet
560Kb / 14P
N-Channel 30 V (D-S) MOSFET with Schottky Diode
logo
Vishay Siliconix
SI4646DY VISHAY-SI4646DY Datasheet
210Kb / 9P
N-Channel 30-V (D-S) MOSFET with Schottky Diode
18-May-09
SI7160DP VISHAY-SI7160DP Datasheet
109Kb / 7P
N-Channel 30-V (D-S) MOSFET with Schottky Diode
16-Feb-09
SIS780DN VISHAY-SIS780DN_V01 Datasheet
592Kb / 13P
N-Channel 30 V (D-S) MOSFET with Schottky Diode
13-Jun-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com