Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIS128LDN Datasheet (PDF) - Vishay Siliconix

SIS128LDN Datasheet PDF - Vishay Siliconix
Part # SIS128LDN
Download  SIS128LDN Download
File Size   250.66 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 80 V (D-S) MOSFET

SIS128LDN Datasheet (PDF)

Go To PDF Page Download Datasheet
SIS128LDN Datasheet PDF - Vishay Siliconix

Part # SIS128LDN
Download  SIS128LDN Click to download

File Size   250.66 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 80 V (D-S) MOSFET

SIS128LDN Datasheet (HTML) - Vishay Siliconix


SIS128LDN Product details

• TrenchFET® Gen IV power MOSFET
• Very low RDS x Qg figure-of-merit (FOM)
• Tuned for the lowest RDS x Qoss FOM
• 100 % Rg and UIS tested




Similar Part No. - SIS128LDN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIS126DN VISHAY-SIS126DN Datasheet
261Kb / 9P
N-Channel 80 V (D-S) MOSFET
04-Feb-2019
SIS126DN-T1-GE3 VISHAY-SIS126DN-T1-GE3 Datasheet
261Kb / 9P
N-Channel 80 V (D-S) MOSFET
04-Feb-2019
logo
List of Unclassifed Man...
SIS12V2.1 ETC2-SIS12V2.1 Datasheet
103Kb / 5P
3A, 7A and 12A switching regulators
SIS12VA ETC2-SIS12VA Datasheet
103Kb / 5P
3A, 7A and 12A switching regulators
SIS12VB ETC2-SIS12VB Datasheet
103Kb / 5P
3A, 7A and 12A switching regulators
More results


Similar Description - SIS128LDN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7852DP VISHAY-SI7852DP Datasheet
40Kb / 5P
N-Channel 80-V (D-S) MOSFET
28-May-01
logo
Analog Power
AM30N08-80D ANALOGPOWER-AM30N08-80D Datasheet
79Kb / 3P
N-Channel 80-V (D-S) MOSFET
AM90N08-05P ANALOGPOWER-AM90N08-05P Datasheet
369Kb / 5P
N-Channel 80-V (D-S) MOSFET
logo
Vishay Siliconix
SIR880DP_1209 VISHAY-SIR880DP_1209 Datasheet
504Kb / 13P
N-Channel 80 V (D-S) MOSFET
22-Nov-10
logo
DinTek Semiconductor Co...
DTM4830 DINTEK-DTM4830 Datasheet
311Kb / 8P
N-Channel 80 V (D-S) MOSFET
logo
Vishay Telefunken
SI7852DP TFUNK-SI7852DP Datasheet
303Kb / 12P
N-Channel 80-V (D-S) MOSFET
SIR826ADP TFUNK-SIR826ADP Datasheet
381Kb / 13P
N-Channel 80 V (D-S) MOSFET
SIS468DN TFUNK-SIS468DN Datasheet
559Kb / 13P
N-Channel 80 V (D-S) MOSFET
logo
Vishay Siliconix
SI4896DY VISHAY-SI4896DY_17 Datasheet
182Kb / 8P
N-Channel 80-V (D-S) MOSFET
18-May-09
logo
VBsemi Electronics Co.,...
UTT80N08 VBSEMI-UTT80N08 Datasheet
1,001Kb / 8P
N-Channel 80 V (D-S) MOSFET
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com