Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFS71D Datasheet (PDF) - Vectron International, Inc

TFS71D Datasheet PDF - Vectron International, Inc
Part # TFS71D
Download  TFS71D Download
File Size   37.74 Kbytes
Page   3 Pages
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Description Specification

TFS71D Datasheet (PDF)

Go To PDF Page Download Datasheet
TFS71D Datasheet PDF - Vectron International, Inc

Part # TFS71D
Download  TFS71D Click to download

File Size   37.74 Kbytes
Page   3 Pages
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Description Specification

TFS71D Datasheet (HTML) - Vectron International, Inc


TFS71D Product details

Characteristics
Remark:
Reference level for the relative attenuation arel and the band width BW of the TFS 71 D is the minimum of the pass band attenuation amin. The minimum of the pass band attenuation amin is defined as the insertion loss ae. The center frequency fo is the arithmetic mean value of the upper and lower frequencies at the 1,5 dB filter attenuation level relative to the insertion loss ae.

Measurement Condition
  Ambient temperature TA: 23 °C
  Input power level: 0 dBm
  Source impedance: 50 Ω (refer to page 2)
  Load impedance: 50 Ω (refer to page 2)




Similar Part No. - TFS71D

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS717 VECTRON-TFS717 Datasheet
87Kb / 5P
Vectron International Filter specification
TFS71C VECTRON-TFS71C Datasheet
34Kb / 4P
Filter Specification
TFS71C VECTRON-TFS71C Datasheet
161Kb / 5P
Filter specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
Filter specification
TFS71F VECTRON-TFS71F Datasheet
92Kb / 5P
Filter Specification
More results


Similar Description - TFS71D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL10A226MQ8NRNE SAMSUNG-CL10A226MQ8NRNE Datasheet
140Kb / 2P
SPECIFICATION
CL21B105KBFNNNF SAMSUNG-CL21B105KBFNNNF Datasheet
139Kb / 2P
SPECIFICATION
CL21B473KCFNNNE SAMSUNG-CL21B473KCFNNNE Datasheet
140Kb / 2P
SPECIFICATION
logo
List of Unclassifed Man...
ISR3SAD100 ETC2-ISR3SAD100 Datasheet
93Kb / 1P
SPECIFICATION
logo
Samsung semiconductor
CL05A474KQ5NNNC SAMSUNG-CL05A474KQ5NNNC Datasheet
135Kb / 2P
SPECIFICATION
CL05A475MP5NRNC SAMSUNG-CL05A475MP5NRNC Datasheet
169Kb / 2P
SPECIFICATION
CL05C100JB5NNNC SAMSUNG-CL05C100JB5NNNC Datasheet
82Kb / 2P
SPECIFICATION
CL31A226KAHNNNE SAMSUNG-CL31A226KAHNNNE Datasheet
80Kb / 2P
SPECIFICATION
CL31A226KQHNNNE SAMSUNG-CL31A226KQHNNNE Datasheet
80Kb / 2P
SPECIFICATION
logo
Shanghai Leiditech Elec...
SMD4532-400 LEIDITECH-SMD4532-400 Datasheet
271Kb / 3P
SPECIFICATION ELECTRICAL SPECIFICATION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com