Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQ4425EY Datasheet (PDF) - Vishay Siliconix

SQ4425EY Datasheet PDF - Vishay Siliconix
Part # SQ4425EY
Download  SQ4425EY Download
File Size   240.37 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive P-Channel 30 V (D-S) 175 °C MOSFET

SQ4425EY Datasheet (PDF)

Go To PDF Page Download Datasheet
SQ4425EY Datasheet PDF - Vishay Siliconix

Part # SQ4425EY
Download  SQ4425EY Click to download

File Size   240.37 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive P-Channel 30 V (D-S) 175 °C MOSFET

SQ4425EY Datasheet (HTML) - Vishay Siliconix


SQ4425EY Product details

• TrenchFET® Power MOSFET
• AEC-Q101 qualified c
• 100 % Rg and UIS tested




Similar Part No. - SQ4425EY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ4425EY VISHAY-SQ4425EY Datasheet
258Kb / 10P
Automotive P-Channel 30 V (D-S) 175 °C MOSFET
30-Jul-12
SQ4425EY VISHAY-SQ4425EY Datasheet
206Kb / 10P
Automotive P-Channel 30 V (D-S) 175 °C MOSFET
20-May-13
SQ4425EY VISHAY-SQ4425EY Datasheet
239Kb / 9P
Automotive P-Channel 30 V (D-S) 175 °C MOSFET
21-Jun-2021
logo
VBsemi Electronics Co.,...
SQ4425EY-T1-GE3 VBSEMI-SQ4425EY-T1-GE3 Datasheet
1Mb / 9P
P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SQ4425EY VISHAY-SQ4425EY_15 Datasheet
257Kb / 11P
Automotive P-Channel 30 V (D-S) 175 °C MOSFET
30-Jul-12
More results


Similar Description - SQ4425EY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ4425EY VISHAY-SQ4425EY Datasheet
258Kb / 10P
Automotive P-Channel 30 V (D-S) 175 °C MOSFET
30-Jul-12
SQ2303ES VISHAY-SQ2303ES_15 Datasheet
222Kb / 11P
Automotive P-Channel 30 V (D-S) 175 °C MOSFET
07-Nov-11
SQ4431EY VISHAY-SQ4431EY_15 Datasheet
258Kb / 11P
Automotive P-Channel 30 V (D-S) 175 °C MOSFET
20-May-13
SQ4435EY VISHAY-SQ4435EY_15 Datasheet
253Kb / 10P
Automotive P-Channel 30 V (D-S) 175 °C MOSFET
31-Oct-11
SQ4483EY VISHAY-SQ4483EY_15 Datasheet
302Kb / 11P
Automotive P-Channel 30 V (D-S) 175 °C MOSFET
10-Aug-15
SQD50P03-07 VISHAY-SQD50P03-07_15 Datasheet
163Kb / 10P
Automotive P-Channel 30 V (D-S) 175 °C MOSFET
30-Jul-12
SQS423ENW VISHAY-SQS423ENW_V02 Datasheet
224Kb / 9P
Automotive P-Channel 30 V (D-S) 175 °C MOSFET
07-Aug-17
SQJA37EP VISHAY-SQJA37EP_V02 Datasheet
241Kb / 10P
Automotive P-Channel 30 V (D-S) 175 °C MOSFET
07-Mar-2022
SQD45P03-12 VISHAY-SQD45P03-12_V02 Datasheet
162Kb / 9P
Automotive P-Channel 30 V (D-S) 175 °C MOSFET
03-Sep-12
SQA403EJ VISHAY-SQA403EJ_V02 Datasheet
273Kb / 8P
Automotive P-Channel 30 V (D-S) 175 °C MOSFET
17-Jun-2019
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com