Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBDAI7220K Datasheet (PDF) - Schneider Electric

STBDAI7220K Datasheet PDF - Schneider Electric
Part # STBDAI7220K
Download  STBDAI7220K Download
File Size   132.75 Kbytes
Page   5 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description standard digital input kit - Modicon STB - 230 V AC - 2 I

STBDAI7220K Datasheet (PDF)

Go To PDF Page Download Datasheet
STBDAI7220K Datasheet PDF - Schneider Electric

Part # STBDAI7220K
Download  STBDAI7220K Click to download

File Size   132.75 Kbytes
Page   5 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description standard digital input kit - Modicon STB - 230 V AC - 2 I

STBDAI7220K Datasheet (HTML) - Schneider Electric




Similar Part No. - STBDAI7220K

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
STBDAI5230K SCHNEIDER-STBDAI5230K Datasheet
130Kb / 5P
standard digital input kit - Modicon STB - 115 V AC - 2 I
Apr 7, 2022
STBDAI5260K SCHNEIDER-STBDAI5260K Datasheet
140Kb / 5P
standard digital input kit STB - 115 V AC - 2 I
Apr 7, 2022
More results


Similar Description - STBDAI7220K

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
STBAVI1270K SCHNEIDER-STBAVI1270K Datasheet
135Kb / 5P
standard analog input kit - Modicon STB - /- 10 V - 2 I -11 bits sign
Apr 8, 2022
STBDAI5230K SCHNEIDER-STBDAI5230K Datasheet
130Kb / 5P
standard digital input kit - Modicon STB - 115 V AC - 2 I
Apr 7, 2022
STBDAI5260K SCHNEIDER-STBDAI5260K Datasheet
140Kb / 5P
standard digital input kit STB - 115 V AC - 2 I
Apr 7, 2022
STBDAO8210K SCHNEIDER-STBDAO8210K Datasheet
133Kb / 5P
standard digital output kit - Modicon STB - 115..230 V AC - 2 O
Apr 8, 2022
STBDDI3230K SCHNEIDER-STBDDI3230K Datasheet
128Kb / 5P
standard digital input kit - Modicon STB - 24 V DC - 2 I
Apr 8, 2022
STBDDI3420K SCHNEIDER-STBDDI3420K Datasheet
129Kb / 5P
standard digital input kit STB - 24 V DC - 4 I
Apr 8, 2022
STBDDI3610K SCHNEIDER-STBDDI3610K Datasheet
127Kb / 5P
standard digital input kit STB - 24 V DC - 6 I
Apr 8, 2022
STBDDO3200K SCHNEIDER-STBDDO3200K Datasheet
125Kb / 5P
standard digital output kit - Modicon STB - 24 V DC - 2 O
Apr 8, 2022
STBDRC3210K SCHNEIDER-STBDRC3210K Datasheet
141Kb / 5P
standard digital output kit STB - 24 V 115..230 V AC DC - 2 O
Apr 8, 2022
STBPDT2100K SCHNEIDER-STBPDT2100K Datasheet
131Kb / 5P
standard power distribution kit STB - 115..230 V AC
Apr 8, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com