Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQJ481EP Datasheet (PDF) - Vishay Siliconix

SQJ481EP Datasheet PDF - Vishay Siliconix
Part # SQJ481EP
Download  SQJ481EP Download
File Size   256.26 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive P-Channel 80 V (D-S) 175 °C MOSFET

SQJ481EP Datasheet (PDF)

Go To PDF Page Download Datasheet
SQJ481EP Datasheet PDF - Vishay Siliconix

Part # SQJ481EP
Download  SQJ481EP Click to download

File Size   256.26 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive P-Channel 80 V (D-S) 175 °C MOSFET

SQJ481EP Datasheet (HTML) - Vishay Siliconix


SQJ481EP Product details

• TrenchFET® power MOSFET
• AEC-Q101 qualified
• 100 % Rg and UIS tested




Similar Part No. - SQJ481EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ481EP VISHAY-SQJ481EP Datasheet
254Kb / 9P
Automotive P-Channel 80 V (D-S) 175 °C MOSFET
15-Jan-18
More results


Similar Description - SQJ481EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD50P08-25L VISHAY-SQD50P08-25L_15 Datasheet
170Kb / 10P
Automotive P-Channel 80 V (D-S) 175 °C MOSFET
30-Jul-12
SQD50P08-28 VISHAY-SQD50P08-28_15 Datasheet
186Kb / 10P
Automotive P-Channel 80 V (D-S) 175 °C MOSFET
10-Oct-11
SQM50P08-25L VISHAY-SQM50P08-25L_15 Datasheet
164Kb / 10P
Automotive P-Channel 80 V (D-S) 175 °C MOSFET
30-Jul-12
SQ2337ES VISHAY-SQ2337ES Datasheet
242Kb / 10P
Automotive P-Channel 80 V (D-S) 175 °C MOSFET
20-May-13
SQM50P08-25L VISHAY-SQM50P08-25L Datasheet
164Kb / 9P
Automotive P-Channel 80 V (D-S) 175 °C MOSFET
30-Jul-12
SQS181ELNW VISHAY-SQS181ELNW_V01 Datasheet
203Kb / 7P
Automotive P-Channel 80 V (D-S) 175 °C MOSFET
04-Apr-2022
SQJA81EP VISHAY-SQJA81EP_V02 Datasheet
236Kb / 9P
Automotive P-Channel 80 V (D-S) 175 °C MOSFET
27-Jan-2020
SQJ479EP VISHAY-SQJ479EP_V01 Datasheet
250Kb / 10P
Automotive P-Channel 80 V (D-S) 175 °C MOSFET
24-Jan-2022
SQJ181ELP VISHAY-SQJ181ELP_V01 Datasheet
182Kb / 6P
Automotive P-Channel 80 V (D-S) 175 °C MOSFET
28-Feb-2022
SQD50P08-25L VISHAY-SQD50P08-25L_V02 Datasheet
169Kb / 9P
Automotive P-Channel 80 V (D-S) 175 °C MOSFET
30-Jul-12
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com