Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2SSD3212 Datasheet (PDF) - Diodes Incorporated

PI2SSD3212 Datasheet PDF - Diodes Incorporated
Part # PI2SSD3212
Download  PI2SSD3212 Download
File Size   244.1 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.35V/ 1.5V/1.8V 14 bit 2:1 SSD Switch

PI2SSD3212 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI2SSD3212 Datasheet PDF - Diodes Incorporated

Part # PI2SSD3212
Download  PI2SSD3212 Click to download

File Size   244.1 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.35V/ 1.5V/1.8V 14 bit 2:1 SSD Switch

PI2SSD3212 Datasheet (HTML) - Diodes Incorporated




Similar Part No. - PI2SSD3212

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI2SSD3212A1 DIODES-PI2SSD3212A1 Datasheet
310Kb / 2P
High-Performance 14-Bit 2:1 Switch Maintains Signal Integrity in eMMC/DDR High-Density Storage
PI2SSD3212A1NCEX DIODES-PI2SSD3212A1NCEX Datasheet
310Kb / 2P
High-Performance 14-Bit 2:1 Switch Maintains Signal Integrity in eMMC/DDR High-Density Storage
More results


Similar Description - PI2SSD3212

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74SSTU32864 PERICOM-PI74SSTU32864 Datasheet
597Kb / 10P
25-Bit 1:1 or 14-Bit 1:2 Configurable Registered Buffer
logo
Hitachi Semiconductor
HD74SSTV16857 HITACHI-HD74SSTV16857 Datasheet
138Kb / 15P
1:1 14-bit SSTL-2 Registered Buffer
logo
Pericom Semiconductor C...
PI74SSTU32864A PERICOM-PI74SSTU32864A Datasheet
596Kb / 10P
25-Bit 1:1 or 14-Bit 1:2 Configurable Registered BufferTOOTHERCHANNELSCKCKRST1DC1RQCKEAQCKEB
logo
SpectraLinear Inc
CY2SSTU32864 SPECTRALINEAR-CY2SSTU32864 Datasheet
98Kb / 9P
1.8V, 25-bit (1:1) or 14-bit (1:2) JEDEC-Compliant Data Register
CY2SSTU32866 SPECTRALINEAR-CY2SSTU32866 Datasheet
235Kb / 24P
1.8V, 25-bit (1:1) of 14-bit (1:2) JEDEC-Compliant Data Register with Parity
logo
Pericom Semiconductor C...
PI6C10804WEX PERICOM-PI6C10804WEX Datasheet
373Kb / 7P
1.5V/1.8V/2.5V, 180MHz, 1:4 Networking Clock Buffer
logo
Linear Technology
LTC2262-14 LINER-LTC2262-14_15 Datasheet
669Kb / 28P
14-Bit, 150Msps Ultralow Power 1.8V ADC
logo
Pericom Semiconductor C...
PI6C10804 PERICOM-PI6C10804_09 Datasheet
373Kb / 7P
1.5V/1.8V/2.5V, 180MHz, 1:4 Networking Clock Buffer
PI2DDR3212 PERICOM-PI2DDR3212 Datasheet
938Kb / 7P
1.35V/ 1.5V/1.8V 14 bit 2:1 DDR3/DDR4 Switch
logo
Diodes Incorporated
PI2DDR3212ZLEX DIODES-PI2DDR3212ZLEX Datasheet
995Kb / 9P
1.35V/1.5V/1.8V 14 bit 2:1 DDR3/DDR4 Switch
December 2020
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com