Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLDR5400 Datasheet (PDF) - Vishay Siliconix

TLDR5400 Datasheet PDF - Vishay Siliconix
Part # TLDR5400
Download  TLDR5400 Download
File Size   552.49 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Intensity LED, Ø 5 mm Tinted Diffused Package

TLDR5400 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLDR5400 Datasheet PDF - Vishay Siliconix

Part # TLDR5400
Download  TLDR5400 Click to download

File Size   552.49 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Intensity LED, Ø 5 mm Tinted Diffused Package

TLDR5400 Datasheet (HTML) - Vishay Siliconix


TLDR5400 Product details

• Exceptional brightness
• Wide viewing angle
• Low forward voltage
• 5 mm (T-1¾") tinted diffused package
• Deep red color
• Very high intensity even at low drive currents
• Categorized for luminous intensity
• Outstanding material efficiency




Similar Part No. - TLDR5400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLDR5400 VISHAY-TLDR5400 Datasheet
187Kb / 6P
High Intensity LED, 5 mm Tinted Diffused
30-Aug-04
TLDR5400 VISHAY-TLDR5400 Datasheet
551Kb / 5P
High Intensity LED, Ø 5 mm Tinted Diffused Package
29-Apr-13
TLDR5400 VISHAY-TLDR5400_V02 Datasheet
551Kb / 5P
High Intensity LED, Ø 5 mm Tinted Diffused Package
29-Apr-13
More results


Similar Description - TLDR5400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHK5400 VISHAY-TLHK5400 Datasheet
73Kb / 5P
High Intensity LED, 5 mm Tinted Diffused Package
04-Feb-99
TLDR4400 VISHAY-TLDR4400_V02 Datasheet
108Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
TLDR5400 VISHAY-TLDR5400_V02 Datasheet
551Kb / 5P
High Intensity LED, Ø 5 mm Tinted Diffused Package
29-Apr-13
TLDR6400 VISHAY-TLDR6400_V02 Datasheet
480Kb / 5P
High Intensity LED, Ø 5 mm Tinted Diffused Package
29-Apr-13
TLHE44R1S2-26 VISHAY-TLHE44R1S2-26_V02 Datasheet
104Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
TLHE4600 VISHAY-TLHE4600_V02 Datasheet
106Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
TLHF4601 VISHAY-TLHF4601_V01 Datasheet
106Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
TLHK4400L VISHAY-TLHK4400L_V02 Datasheet
110Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
21-Feb-18
TLHK4600 VISHAY-TLHK4600_V02 Datasheet
106Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
TLHK46Q1R2 VISHAY-TLHK46Q1R2_V02 Datasheet
105Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com