Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLHG540 Datasheet (PDF) - Vishay Siliconix

TLHG540 Datasheet PDF - Vishay Siliconix
Part # TLHG540
Download  TLHG540 Download
File Size   198.81 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Efficiency LED, Ø 5 mm Tinted Diffused Package

TLHG540 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLHG540 Datasheet PDF - Vishay Siliconix

Part # TLHG540
Download  TLHG540 Click to download

File Size   198.81 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Efficiency LED, Ø 5 mm Tinted Diffused Package

TLHG540 Datasheet (HTML) - Vishay Siliconix


TLHG540 Product details

• Choice of three bright colors
• Standard T-1¾ package
• Small mechanical tolerances
• Suitable for DC and high peak current
• Wide viewing angle
• Luminous intensity categorized
• Yellow and green color categorized
• TLH.54.. with stand-offs




Similar Part No. - TLHG540

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHG540 VISHAY-TLHG540 Datasheet
205Kb / 9P
Choice of three bright colors
16-Mar-15
TLHG540. VISHAY-TLHG540. Datasheet
198Kb / 9P
High Efficiency LED, Ø 5 mm Tinted Diffused Package
27-Sep-2021
TLHG5400 VISHAY-TLHG5400 Datasheet
250Kb / 8P
High Efficiency LED in 5 mm Tinted Diffused Package
31-Aug-04
TLHG5400 VISHAY-TLHG5400 Datasheet
205Kb / 9P
Choice of three bright colors
16-Mar-15
TLHG5400 VISHAY-TLHG5400 Datasheet
198Kb / 9P
High Efficiency LED, Ø 5 mm Tinted Diffused Package
27-Sep-2021
More results


Similar Description - TLHG540

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHG520 VISHAY-TLHG520 Datasheet
190Kb / 9P
High Efficiency LED, Ø 5 mm Tinted Non-Diffused Package
03-Jun-09
TLDR5400 VISHAY-TLDR5400_V02 Datasheet
551Kb / 5P
High Intensity LED, Ø 5 mm Tinted Diffused Package
29-Apr-13
TLDR6400 VISHAY-TLDR6400_V02 Datasheet
480Kb / 5P
High Intensity LED, Ø 5 mm Tinted Diffused Package
29-Apr-13
TLHA44R1S2 VISHAY-TLHA44R1S2_V01 Datasheet
109Kb / 5P
High Efficiency LED, Ø 3 mm Tinted Total Diffused Package
19-Apr-17
TLHG440 VISHAY-TLHG440_V02 Datasheet
213Kb / 11P
High Efficiency LED in Ø 3 mm Tinted Diffused Package
29-Mar-2022
TLHG540 VISHAY-TLHG540_V02 Datasheet
198Kb / 9P
High Efficiency LED, Ø 5 mm Tinted Diffused Package
27-Sep-2021
TLHG640 VISHAY-TLHG640_V02 Datasheet
200Kb / 9P
High Efficiency LED in Ø 5 mm Tinted Diffused Package
27-Sep-2021
TLHG642 VISHAY-TLHG642 Datasheet
262Kb / 8P
High Efficiency LED, Ø 5 mm Tinted Diffused Package
30-Nov-2022
TLHR5200 VISHAY-TLHR5200 Datasheet
112Kb / 5P
High Efficiency LED, Ø 5 mm Tinted Non-Diffused Package
06-May-2022
TLLG542 VISHAY-TLLG542 Datasheet
195Kb / 6P
High Efficiency LED, Ø 5 mm Tinted Diffused Package
30-Nov-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com