Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLLK4401 Datasheet (PDF) - Vishay Siliconix

TLLK4401 Datasheet PDF - Vishay Siliconix
Part # TLLK4401
Download  TLLK4401 Download
File Size   140.37 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Intensity LED in Ø 3 mm Tinted Diffused Package

TLLK4401 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLLK4401 Datasheet PDF - Vishay Siliconix

Part # TLLK4401
Download  TLLK4401 Click to download

File Size   140.37 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Intensity LED in Ø 3 mm Tinted Diffused Package

TLLK4401 Datasheet (HTML) - Vishay Siliconix


TLLK4401 Product details

• AlInGaP technology
• Standard Ø 3 mm (T-1) package
• Small mechanical tolerances
• Wide viewing angle
• Very high intensity
• Low power consumption
• Specified at IF = 2 mA
• Luminous intensity categorized
• ESD-withstand voltage: up to 2 kV HBM according to
JESD22-A114-B




Similar Part No. - TLLK4401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLLK4401 VISHAY-TLLK4401 Datasheet
110Kb / 6P
AlInGaP technology
14-Oct-14
TLLK4401 VISHAY-TLLK4401 Datasheet
139Kb / 7P
High Intensity LED in Ø 3 mm Tinted Diffused Package
19-Nov-2020
TLLK4401-AS21 VISHAY-TLLK4401-AS21 Datasheet
139Kb / 7P
High Intensity LED in Ø 3 mm Tinted Diffused Package
19-Nov-2020
TLLK4401 VISHAY-TLLK4401_V02 Datasheet
139Kb / 7P
High Intensity LED in Ø 3 mm Tinted Diffused Package
19-Nov-2020
More results


Similar Description - TLLK4401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLDR4400 VISHAY-TLDR4400_V02 Datasheet
108Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
TLHE44R1S2-26 VISHAY-TLHE44R1S2-26_V02 Datasheet
104Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
TLHE4600 VISHAY-TLHE4600_V02 Datasheet
106Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
TLHF4601 VISHAY-TLHF4601_V01 Datasheet
106Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
TLHK4200 VISHAY-TLHK4200_V02 Datasheet
111Kb / 5P
High Intensity LED in Ø 3 mm Tinted Non-Diffused Package
17-May-2019
TLHK4400L VISHAY-TLHK4400L_V02 Datasheet
110Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
21-Feb-18
TLHK44R1S2 VISHAY-TLHK44R1S2_V02 Datasheet
109Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
TLHK4600 VISHAY-TLHK4600_V02 Datasheet
106Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
TLHK46Q1R2 VISHAY-TLHK46Q1R2_V02 Datasheet
105Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
TLLK4401 VISHAY-TLLK4401_V02 Datasheet
139Kb / 7P
High Intensity LED in Ø 3 mm Tinted Diffused Package
19-Nov-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com