Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLLG440 Datasheet (PDF) - Vishay Siliconix

TLLG440 Datasheet PDF - Vishay Siliconix
Part # TLLG440
Download  TLLG440 Download
File Size   198.32 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Current LED in Ø 3 mm Tinted Diffused Package

TLLG440 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLLG440 Datasheet PDF - Vishay Siliconix

Part # TLLG440
Download  TLLG440 Click to download

File Size   198.32 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Current LED in Ø 3 mm Tinted Diffused Package

TLLG440 Datasheet (HTML) - Vishay Siliconix


TLLG440 Product details

• Low power consumption
• High brightness
• CMOS / MOS compatible
• Specified at IF = 2 mA
• Luminous intensity categorized
• Yellow and green color categorized




Similar Part No. - TLLG440

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLLG440 VISHAY-TLLG440 Datasheet
94Kb / 7P
Low Current LED in 짰3 mm Tinted Diffused Package
04-Feb-99
TLLG440. VISHAY-TLLG440. Datasheet
197Kb / 9P
Low Current LED in Ø 3 mm Tinted Diffused Package
15-Sep-2021
TLLG4400 VISHAY-TLLG4400 Datasheet
1,004Kb / 9P
Low Current LED in Ø 3 mm Tinted Diffused Package
24-Apr-13
TLLG4400 VISHAY-TLLG4400 Datasheet
197Kb / 9P
Low Current LED in Ø 3 mm Tinted Diffused Package
15-Sep-2021
TLLG4400-AS12 VISHAY-TLLG4400-AS12 Datasheet
1,004Kb / 9P
Low Current LED in Ø 3 mm Tinted Diffused Package
24-Apr-13
More results


Similar Description - TLLG440

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLLG4401 VISHAY-TLLG4401 Datasheet
1,004Kb / 9P
Low Current LED in Ø 3 mm Tinted Diffused Package
24-Apr-13
TLLR5400 VISHAY-TLLR5400 Datasheet
140Kb / 8P
Low Current LED in Ø 5 mm Tinted Diffused Package
29-Apr-13
TLDR4400 VISHAY-TLDR4400_V02 Datasheet
108Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
TLHF4601 VISHAY-TLHF4601_V01 Datasheet
106Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
TLHK46Q1R2 VISHAY-TLHK46Q1R2_V02 Datasheet
105Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
TLLG540 VISHAY-TLLG540_V02 Datasheet
115Kb / 6P
Low Current LED in Ø 5 mm Tinted Diffused Package
10-May-2022
TLLY440 VISHAY-TLLY440_V02 Datasheet
197Kb / 9P
Low Current LED in Ø 3 mm Tinted Diffused Package
15-Sep-2021
TLUR4401 VISHAY-TLUR4401_V02 Datasheet
182Kb / 6P
Universal LED in Ø 3 mm Tinted Diffused Package
16-Mar-15
TLVG4200 VISHAY-TLVG4200_V01 Datasheet
155Kb / 7P
Backlighting LED in Ø 3 mm Tinted Non-Diffused Package
05-Jul-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com