Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLLG540 Datasheet (PDF) - Vishay Siliconix

TLLG540 Datasheet PDF - Vishay Siliconix
Part # TLLG540
Download  TLLG540 Download
File Size   117.31 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Current LED in Ø 5 mm Tinted Diffused Package

TLLG540 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLLG540 Datasheet PDF - Vishay Siliconix

Part # TLLG540
Download  TLLG540 Click to download

File Size   117.31 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Current LED in Ø 5 mm Tinted Diffused Package

TLLG540 Datasheet (HTML) - Vishay Siliconix


TLLG540 Product details

• Low power consumption
• High brightness
• CMOS/MOS compatible
• Specified at IF = 2 mA
• Luminous intensity categorized
• Yellow and green color categorized




Similar Part No. - TLLG540

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLLG540 VISHAY-TLLG540 Datasheet
94Kb / 7P
Low Current LED in 짰5 mm Tinted Diffused Package
04-Feb-99
logo
STMicroelectronics
TLLG540 STMICROELECTRONICS-TLLG540 Datasheet
97Kb / 7P
Low Current LED in 5 mm Tinted Diffused Package
Rev. A2
logo
Vishay Siliconix
TLLG540 VISHAY-TLLG540 Datasheet
140Kb / 8P
Low Current LED in Ø 5 mm Tinted Diffused Package
29-Apr-13
TLLG540. VISHAY-TLLG540. Datasheet
115Kb / 6P
Low Current LED in Ø 5 mm Tinted Diffused Package
10-May-2022
TLLG5400 VISHAY-TLLG5400 Datasheet
140Kb / 8P
Low Current LED in Ø 5 mm Tinted Diffused Package
29-Apr-13
More results


Similar Description - TLLG540

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TLL540 STMICROELECTRONICS-TLL540 Datasheet
97Kb / 7P
Low Current LED in 5 mm Tinted Diffused Package
Rev. A2
logo
Vishay Siliconix
TLLG4401 VISHAY-TLLG4401 Datasheet
1,004Kb / 9P
Low Current LED in Ø 3 mm Tinted Diffused Package
24-Apr-13
TLLR5400 VISHAY-TLLR5400 Datasheet
140Kb / 8P
Low Current LED in Ø 5 mm Tinted Diffused Package
29-Apr-13
TLDR6400 VISHAY-TLDR6400_V02 Datasheet
480Kb / 5P
High Intensity LED, Ø 5 mm Tinted Diffused Package
29-Apr-13
TLHG540 VISHAY-TLHG540_V02 Datasheet
198Kb / 9P
High Efficiency LED, Ø 5 mm Tinted Diffused Package
27-Sep-2021
TLHG640 VISHAY-TLHG640_V02 Datasheet
200Kb / 9P
High Efficiency LED in Ø 5 mm Tinted Diffused Package
27-Sep-2021
TLLG540 VISHAY-TLLG540_V02 Datasheet
115Kb / 6P
Low Current LED in Ø 5 mm Tinted Diffused Package
10-May-2022
TLLY440 VISHAY-TLLY440_V02 Datasheet
197Kb / 9P
Low Current LED in Ø 3 mm Tinted Diffused Package
15-Sep-2021
TLPG5600V02 VISHAY-TLPG5600V02 Datasheet
210Kb / 9P
Side View LED, Ø 5 mm Tinted Diffused Package
14-Sep-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com