Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLRE4200 Datasheet (PDF) - Vishay Siliconix

TLRE4200 Datasheet PDF - Vishay Siliconix
Part # TLRE4200
Download  TLRE4200 Download
File Size   522.05 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Resistor LED for 12 V Supply Voltage

TLRE4200 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLRE4200 Datasheet PDF - Vishay Siliconix

Part # TLRE4200
Download  TLRE4200 Click to download

File Size   522.05 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Resistor LED for 12 V Supply Voltage

TLRE4200 Datasheet (HTML) - Vishay Siliconix


TLRE4200 Product details

• With current limiting resistor for 12 V
• Cost effective: save space and resistor cost
• Standard Ø 3 mm (T-1) package
• High luminous intensity
• Luminous intensity categorized
• Color categorized




Similar Part No. - TLRE4200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLRE4200 VISHAY-TLRE4200 Datasheet
70Kb / 5P
Resistor LED for 12 V Supply Voltage
04-Feb-99
More results


Similar Description - TLRE4200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLRE4200 VISHAY-TLRE4200 Datasheet
70Kb / 5P
Resistor LED for 12 V Supply Voltage
04-Feb-99
TLRH4400 VISHAY-TLRH4400 Datasheet
105Kb / 10P
Resistor LED for 12 V Supply Voltage
04-Feb-99
TLRH4420 VISHAY-TLRH4420 Datasheet
107Kb / 9P
Resistor LED for 12 V Supply Voltage
04-Feb-99
TLRP4900 VISHAY-TLRP4900 Datasheet
71Kb / 5P
Resistor LED for 12 V Supply Voltage
04-Feb-99
TLRE4406 VISHAY-TLRE4406 Datasheet
135Kb / 5P
Resistor LED for 12 V Supply Voltage
21-Jun-04
TLRH4450 VISHAY-TLRH4450 Datasheet
70Kb / 7P
Resistor LED for 5 V Supply Voltage
04-Feb-99
TLRG4420CU VISHAY-TLRG4420CU Datasheet
1Mb / 8P
Resistor LED for 12 V Supply Voltage
24-Apr-13
TLRH440.CU VISHAY-TLRH440.CU Datasheet
129Kb / 9P
With current limiting resistor for 12 V
24-Apr-13
TLRP4900CU VISHAY-TLRP4900CU Datasheet
675Kb / 6P
With current limiting resistor for 12 V
24-Apr-13
TLRE4406 VISHAY-TLRE4406_V01 Datasheet
111Kb / 5P
Resistor LED for 12 V Supply Voltage
24-Apr-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com