Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP0610K Datasheet (PDF) - Vishay Siliconix

TP0610K Datasheet PDF - Vishay Siliconix
Part # TP0610K
Download  TP0610K Download
File Size   180.15 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description P-Channel 60 V (D-S) MOSFET

TP0610K Datasheet (PDF)

Go To PDF Page Download Datasheet
TP0610K Datasheet PDF - Vishay Siliconix

Part # TP0610K
Download  TP0610K Click to download

File Size   180.15 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description P-Channel 60 V (D-S) MOSFET

TP0610K Datasheet (HTML) - Vishay Siliconix


TP0610K Product details

• Halogen-free According to IEC 61249-2-21
Definition
• TrenchFET® Power MOSFET
• High-Side Switching
• Low On-Resistance: 6 Ω
• Low Threshold: - 2 V (typ.)
• Fast Swtiching Speed: 20 ns (typ.)
• Low Input Capacitance: 20 pF (typ.)
• 2000 V ESD Protection
• Compliant to RoHS Directive 2002/95/EC




Similar Part No. - TP0610K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TP0610K VISHAY-TP0610K Datasheet
47Kb / 4P
P-Channel 60-V (D-S) MOSFET
16-Jul-01
TP0610K VISHAY-TP0610K Datasheet
199Kb / 4P
P-Channel 60-V (D-S) MOSFET
02-Jan-06
TP0610K VISHAY-TP0610K Datasheet
213Kb / 8P
P-Channel 60 V (D-S) MOSFET
05-Jul-10
logo
TECH PUBLIC Electronics...
TP0610K TECHPUBLIC-TP0610K Datasheet
2Mb / 5P
1.7Q ,60V P-Channel MOSFET
logo
Vishay Siliconix
TP0610K-T1-E3 VISHAY-TP0610K-T1-E3 Datasheet
213Kb / 8P
P-Channel 60 V (D-S) MOSFET
05-Jul-10
More results


Similar Description - TP0610K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3459DV VISHAY-SI3459DV Datasheet
62Kb / 4P
P-Channel 60-V (D-S) MOSFET
29-Nov-99
SI6459DQ VISHAY-SI6459DQ Datasheet
60Kb / 4P
P-Channel 60-V (D-S) MOSFET
29-Nov-99
SI6459BDQ VISHAY-SI6459BDQ Datasheet
78Kb / 5P
P-Channel 60-V (D-S) MOSFET
03-Nov-03
logo
Guangdong Kexin Industr...
KI2309DS KEXIN-KI2309DS Datasheet
50Kb / 2P
P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_05 Datasheet
202Kb / 4P
P-Channel 60-V (D-S) MOSFET
12-Dec-05
TP0610K VISHAY-TP0610K_06 Datasheet
199Kb / 4P
P-Channel 60-V (D-S) MOSFET
02-Jan-06
logo
Analog Power
AM90P06-08P ANALOGPOWER-AM90P06-08P Datasheet
345Kb / 5P
P-Channel 60-V (D-S) MOSFET
AM7461P ANALOGPOWER-AM7461P Datasheet
182Kb / 3P
P-Channel 60-V (D-S) MOSFET
AM7463P ANALOGPOWER-AM7463P Datasheet
357Kb / 5P
P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_15 Datasheet
380Kb / 13P
P-Channel 60 V (D-S) MOSFET
19-Jan-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com