Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSAL5100 Datasheet (PDF) - Vishay Siliconix

TSAL5100 Datasheet PDF - Vishay Siliconix
Part # TSAL5100
Download  TSAL5100 Download
File Size   101.99 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Power Infrared Emitting Diode, 940 nm, GaAlAs/GaAs

TSAL5100 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSAL5100 Datasheet PDF - Vishay Siliconix

Part # TSAL5100
Download  TSAL5100 Click to download

File Size   101.99 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Power Infrared Emitting Diode, 940 nm, GaAlAs/GaAs

TSAL5100 Datasheet (HTML) - Vishay Siliconix


TSAL5100 Product details

• Package type: leaded
• Package form: T-1¾
• Dimensions (in mm): Ø 5
• Leads with stand-off
• Peak wavelength: λp = 940 nm
• High reliability
• High radiant power
• High radiant intensity
• Angle of half intensity: ϕ = ± 10°
• Low forward voltage
• Suitable for high pulse current operation
• Good spectral matching with Si photodetectors
• Compliant to RoHS Directive 2002/95/EC and in
accordance to WEEE 2002/96/EC




Similar Part No. - TSAL5100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSAL5100 VISHAY-TSAL5100 Datasheet
141Kb / 6P
High Power Infrared Emitting Diode, 950 nm, GaAlAs/GaAs
08-Mar-05
TSAL5100 VISHAY-TSAL5100 Datasheet
111Kb / 5P
High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
04-Sep-08
TSAL5100 VISHAY-TSAL5100 Datasheet
113Kb / 5P
High Power Infrared Emitting Diode, 940 nm, GaAlAs/GaAs
29-Jun-09
TSAL5100 VISHAY-TSAL5100_08 Datasheet
111Kb / 5P
High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
04-Sep-08
TSAL5100 VISHAY-TSAL5100_09 Datasheet
113Kb / 5P
High Power Infrared Emitting Diode, 940 nm, GaAlAs/GaAs
29-Jun-09
More results


Similar Description - TSAL5100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSAL5100 VISHAY-TSAL5100_09 Datasheet
113Kb / 5P
High Power Infrared Emitting Diode, 940 nm, GaAlAs/GaAs
29-Jun-09
TSAL5300 VISHAY-TSAL5300_09 Datasheet
216Kb / 6P
High Power Infrared Emitting Diode, 940 nm, GaAlAs/GaAs
29-Jun-09
TSAL6100 VISHAY-TSAL6100_09 Datasheet
113Kb / 5P
High Power Infrared Emitting Diode, 940 nm, GaAlAs/GaAs
29-Jun-09
TSAL6400 VISHAY-TSAL6400_09 Datasheet
111Kb / 5P
High Power Infrared Emitting Diode, 940 nm, GaAlAs/GaAs
29-Jun-09
TSAL7400 VISHAY-TSAL7400_09 Datasheet
110Kb / 5P
High Power Infrared Emitting Diode, 940 nm, GaAlAs/GaAs
29-Jun-09
TSAL7600 VISHAY-TSAL7600_09 Datasheet
112Kb / 5P
High Power Infrared Emitting Diode, 940 nm, GaAlAs/GaAs
29-Jun-09
VSML3710 VISHAY-VSML3710_09 Datasheet
142Kb / 6P
High Power Infrared Emitting Diode, 940 nm, GaAlAs/GaAs
03-Nov-09
TSAL7300 VISHAY-TSAL7300_V01 Datasheet
101Kb / 5P
High Power Infrared Emitting Diode, 940 nm, GaAlAs/GaAs
24-Aug-11
TSAL7400 VISHAY-TSAL7400_V01 Datasheet
99Kb / 5P
High Power Infrared Emitting Diode, 940 nm, GaAlAs/GaAs
24-Aug-11
TSAL7600 VISHAY-TSAL7600_V01 Datasheet
101Kb / 5P
High Power Infrared Emitting Diode, 940 nm, GaAlAs/GaAs
24-Aug-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com