Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSKS5400S Datasheet (PDF) - Vishay Siliconix

TSKS5400S Datasheet PDF - Vishay Siliconix
Part # TSKS5400S
Download  TSKS5400S Download
File Size   110.79 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Infrared Emitting Diode, 950 nm, GaAs

TSKS5400S Datasheet (PDF)

Go To PDF Page Download Datasheet
TSKS5400S Datasheet PDF - Vishay Siliconix

Part # TSKS5400S
Download  TSKS5400S Click to download

File Size   110.79 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Infrared Emitting Diode, 950 nm, GaAs

TSKS5400S Datasheet (HTML) - Vishay Siliconix


TSKS5400S Product details

• Package type: leaded
• Package form: side view lens
• Dimensions (L x W x H in mm): 5 x 2.65 x 5
• Peak wavelength: λp = 950 nm
• High reliability
• High radiant power
• High radiant intensity
• Angle of half intensity: ϕ = ± 30°
• Low forward voltage
• Suitable for high pulse current operation
• Good spectral matching with Si photodetectors
• Package matched with detector TEKS5400




Similar Part No. - TSKS5400S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSKS5400S VISHAY-TSKS5400S Datasheet
107Kb / 6P
GaAs Infrared Emitting Diode in Side View Package
30-Apr-02
TSKS5400S VISHAY-TSKS5400S Datasheet
114Kb / 6P
Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
05-Sep-08
TSKS5400S VISHAY-TSKS5400S Datasheet
109Kb / 6P
Infrared Emitting Diode, 950 nm, GaAs
03-Sep-13
TSKS5400S-ASZ VISHAY-TSKS5400S-ASZ Datasheet
107Kb / 6P
GaAs Infrared Emitting Diode in Side View Package
30-Apr-02
TSKS5400S VISHAY-TSKS5400S_08 Datasheet
114Kb / 6P
Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
05-Sep-08
More results


Similar Description - TSKS5400S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CQY37N VISHAY-CQY37N_11 Datasheet
278Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
08-Mar-11
TSUS5200 VISHAY-TSUS5200_09 Datasheet
112Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
29-Jun-09
TSUS3400 VISHAY-TSUS3400 Datasheet
108Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
25-Aug-11
TSUS6202 VISHAY-TSUS6202 Datasheet
109Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
29-Sep-15
TSUS5200 VISHAY-TSUS5200_11 Datasheet
109Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
24-Aug-11
TSUS4300 VISHAY-TSUS4300_15 Datasheet
110Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
20-Oct-15
TSKS5400 VISHAY-TSKS5400_13 Datasheet
144Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
03-Sep-13
CQY37N VISHAY-CQY37N_V01 Datasheet
281Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
08-Mar-11
TSUS4400 VISHAY-TSUS4400_V01 Datasheet
113Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
19-Jan-2021
TSUS5402 VISHAY-TSUS5402_V01 Datasheet
118Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
18-Jan-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com