Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSTS7100 Datasheet (PDF) - Vishay Siliconix

TSTS7100 Datasheet PDF - Vishay Siliconix
Part # TSTS7100
Download  TSTS7100 Download
File Size   143.23 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs

TSTS7100 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSTS7100 Datasheet PDF - Vishay Siliconix

Part # TSTS7100
Download  TSTS7100 Click to download

File Size   143.23 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs

TSTS7100 Datasheet (HTML) - Vishay Siliconix


TSTS7100 Product details

• Package type: leaded
• Package form: TO-18
• Dimensions (in mm): ∅ 4.7
• Peak wavelength: λp = 950 nm
• High reliability
• High radiant power
• High radiant intensity
• Angle of half intensity: ϕ = ± 5°
• Low forward voltage
• Suitable for high pulse current operation
• Good spectral matching with Si photodetectors
• Lead (Pb)-free component in accordance with
RoHS 2002/95/EC and WEEE 2002/96/EC




Similar Part No. - TSTS7100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSTS7100 VISHAY-TSTS7100 Datasheet
81Kb / 5P
GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
20-May-99
TSTS7100 VISHAY-TSTS7100 Datasheet
149Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
04-Sep-08
TSTS7100 VISHAY-TSTS7100 Datasheet
142Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
04-Sep-08
TSTS7100 VISHAY-TSTS7100_08 Datasheet
149Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
04-Sep-08
TSTS7100 VISHAY-TSTS7100_V02 Datasheet
142Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
04-Sep-08
More results


Similar Description - TSTS7100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CQY36N VISHAY-CQY36N_08 Datasheet
99Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
04-Sep-08
CQY37N VISHAY-CQY37N_08 Datasheet
293Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
04-Sep-08
TSTS7100 VISHAY-TSTS7100_08 Datasheet
149Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
04-Sep-08
TSUS4400 VISHAY-TSUS4400_08 Datasheet
108Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
05-Sep-08
TSUS5400 VISHAY-TSUS5400_08 Datasheet
110Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
05-Sep-08
VSMS3700 VISHAY-VSMS3700 Datasheet
140Kb / 7P
Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
04-Sep-08
CQY36N VISHAY-CQY36N_11 Datasheet
95Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
16-May-11
CQY36N VISHAY-CQY36N_V02 Datasheet
97Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
16-May-11
TSTS7100 VISHAY-TSTS7100_V02 Datasheet
142Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
04-Sep-08
TSTS7300 VISHAY-TSTS7300_V02 Datasheet
139Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
04-Sep-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com