Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLCS5830 Datasheet (PDF) - Vishay Siliconix

VLCS5830 Datasheet PDF - Vishay Siliconix
Part # VLCS5830
Download  VLCS5830 Download
File Size   553.83 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Brightness LED, Ø 5 mm Untinted Non-Diffused Package

VLCS5830 Datasheet (PDF)

Go To PDF Page Download Datasheet
VLCS5830 Datasheet PDF - Vishay Siliconix

Part # VLCS5830
Download  VLCS5830 Click to download

File Size   553.83 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Brightness LED, Ø 5 mm Untinted Non-Diffused Package

VLCS5830 Datasheet (HTML) - Vishay Siliconix


VLCS5830 Product details

• Untinted non-diffused lens
• Utilizing ultrabright AllnGaP technology
• Very high luminous intensity
• Very small emission angle
• High operating temperature: Tj
(chip junction
temperature) up to 125 °C for AllnGaP devices
• Luminous intensity and color categorized for
each packing unit
• ESD-withstand voltage: Up to 2 kV according
to JESD22-A114-B
• AEC-Q101 qualified




Similar Part No. - VLCS5830

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLCS5830 VISHAY-VLCS5830 Datasheet
554Kb / 5P
High Brightness LED, 5 mm Untinted Non-Diffused Package
24-Apr-13
More results


Similar Description - VLCS5830

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLCS5130 VISHAY-VLCS5130 Datasheet
555Kb / 5P
High Brightness LED, 5 mm Untinted Non-Diffused Package
25-Apr-13
VLCS5230 VISHAY-VLCS5230 Datasheet
552Kb / 5P
High Brightness LED, 5 mm Untinted Non-Diffused Package
24-Apr-13
VLCS5830 VISHAY-VLCS5830 Datasheet
554Kb / 5P
High Brightness LED, 5 mm Untinted Non-Diffused Package
24-Apr-13
TLCY5200 VISHAY-TLCY5200_V02 Datasheet
108Kb / 5P
Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
09-May-2022
TLCY5800 VISHAY-TLCY5800_V02 Datasheet
146Kb / 7P
Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
27-Sep-2021
TLCY610 VISHAY-TLCY610_V02 Datasheet
185Kb / 7P
Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
27-Sep-2021
TLHE5800 VISHAY-TLHE5800_V02 Datasheet
447Kb / 4P
High Intensity LED, Ø 5 mm Untinted Non-Diffused Package
29-Apr-13
TLHK5100 VISHAY-TLHK5100_V01 Datasheet
204Kb / 5P
High Intensity LED, Ø 5 mm Untinted Non-Diffused Package
06-May-2022
TLCR6200 VISHAY-TLCR6200_V02 Datasheet
187Kb / 6P
Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
24-Jun-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com