Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN74AC574 Datasheet (PDF) - Integral Corp.

IN74AC574 Datasheet PDF - Integral Corp.
Part # IN74AC574
Download  IN74AC574 Download
File Size   202.68 Kbytes
Page   5 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS

IN74AC574 Datasheet (PDF)

Go To PDF Page Download Datasheet
IN74AC574 Datasheet PDF - Integral Corp.

Part # IN74AC574
Download  IN74AC574 Click to download

File Size   202.68 Kbytes
Page   5 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS

IN74AC574 Datasheet (HTML) - Integral Corp.


IN74AC574 Product details

Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS

The IN74AC574 is identical in pinout to the LS/ALS574, HC/HCT574. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LS/ALS outputs.
Data meeting the setup time is clocked to the outputs with the rising edge of the Clock. The Output Enable input does not affect the states of the flip-flops, but when Output Enable is high, all device outputs are forced to the high-impedance state; thus, data may be stored even when the outputs are not enabled.

• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
• High Noise Immunity Characteristic of CMOS Devices
• Outputs Source/Sink 24 mA




Similar Part No. - IN74AC574

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74AC574 IKSEMICON-IN74AC574 Datasheet
245Kb / 6P
Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
IN74AC574DW IKSEMICON-IN74AC574DW Datasheet
245Kb / 6P
Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
IN74AC574N IKSEMICON-IN74AC574N Datasheet
245Kb / 6P
Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
More results


Similar Description - IN74AC574

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HC374A INTEGRAL-IN74HC374A Datasheet
115Kb / 5P
Octal 3-State Noninverting D Flip-Flop (High-Performance Silicon-Gate CMOS)
IN74HCT374A INTEGRAL-IN74HCT374A Datasheet
120Kb / 5P
Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
IN74HCT574A INTEGRAL-IN74HCT574A Datasheet
114Kb / 5P
Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC574A KODENSHI-KK74HC574A Datasheet
219Kb / 6P
Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
KK74AC574 KODENSHI-KK74AC574 Datasheet
338Kb / 6P
Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
KK74ACT574 KODENSHI-KK74ACT574 Datasheet
341Kb / 6P
Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
KK74HCT374A KODENSHI-KK74HCT374A Datasheet
248Kb / 6P
Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC574A IKSEMICON-IN74HC574A Datasheet
195Kb / 7P
Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
IN74AC574 IKSEMICON-IN74AC574 Datasheet
245Kb / 6P
Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
IN74ACT574 IKSEMICON-IN74ACT574 Datasheet
323Kb / 6P
Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com