Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSMB2000X01 Datasheet (PDF) - Vishay Siliconix

VSMB2000X01 Datasheet PDF - Vishay Siliconix
Part # VSMB2000X01
Download  VSMB2000X01 Download
File Size   149.5 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, DH

VSMB2000X01 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSMB2000X01 Datasheet PDF - Vishay Siliconix

Part # VSMB2000X01
Download  VSMB2000X01 Click to download

File Size   149.5 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, DH

VSMB2000X01 Datasheet (HTML) - Vishay Siliconix


VSMB2000X01 Product details

• Package type: surface mount
• Package form: GW, RGW
• Dimensions (L x W x H in mm): 2.3 x 2.3 x 2.8
• AEC-Q101 qualified
• Peak wavelength: λp = 940 nm
• High reliability
• High radiant power
• High radiant intensity
• Angle of half intensity: φ = ± 12°
• Low forward voltage
• Suitable for high pulse current operation
• Terminal configurations: gullwing or reserve gullwing
• Package matches with detector VEMD2000X01 series
• Floor life: 4 weeks, MSL 2a, acc. J-STD-020
• Compliant to RoHS Directive 2002/95/EC and in
accordance to WEEE 2002/96/EC




Similar Part No. - VSMB2000X01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSMB2000X01 VISHAY-VSMB2000X01 Datasheet
146Kb / 8P
High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, DH
23-Aug-11
VSMB2000X01 VISHAY-VSMB2000X01 Datasheet
148Kb / 8P
High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, DH
23-Aug-11
More results


Similar Description - VSMB2000X01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSMF2890RGX01 VISHAY-VSMF2890RGX01 Datasheet
157Kb / 8P
High Speed Infrared Emitting Diodes, 890 nm, GaAlAs, DH
13-Apr-11
VSMG2000X01 VISHAY-VSMG2000X01 Datasheet
145Kb / 8P
High Speed Infrared Emitting Diodes, 850 nm, GaAlAs, DH
28-Jan-10
VSMB2020X01 VISHAY-VSMB2020X01 Datasheet
146Kb / 8P
High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, DH
23-Aug-11
VSMB2943SLX01 VISHAY-VSMB2943SLX01 Datasheet
152Kb / 6P
High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, MQW
26-Feb-13
VSMF2893RGX01 VISHAY-VSMF2893RGX01 Datasheet
212Kb / 8P
High Speed Infrared Emitting Diodes, 890 nm, GaAlAs, DH
26-Feb-13
VSMG285011RG VISHAY-VSMG285011RG Datasheet
199Kb / 9P
High Speed Infrared Emitting Diodes, 850 nm, GaAlAs, DH
05-Aug-14
VSMF2890RGX01 VISHAY-VSMF2890RGX01_13 Datasheet
165Kb / 8P
High Speed Infrared Emitting Diodes, 890 nm, GaAlAs, DH
23-Jan-13
VSMG2000X01 VISHAY-VSMG2000X01_13 Datasheet
160Kb / 8P
High Speed Infrared Emitting Diodes, 850 nm, GaAlAs, DH
23-Jan-13
VSMB2020X01 VISHAY-VSMB2020X01_V02 Datasheet
148Kb / 8P
High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, DH
23-Aug-11
VSMB2948G VISHAY-VSMB2948G_V02 Datasheet
208Kb / 8P
High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, MQW
17-May-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com