Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLSL4236A Datasheet (PDF) - Vishay Siliconix

VLSL4236A Datasheet PDF - Vishay Siliconix
Part # VLSL4236A
Download  VLSL4236A Download
File Size   243.14 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Brightness LED Power Module

VLSL4236A Datasheet (PDF)

Go To PDF Page Download Datasheet
VLSL4236A Datasheet PDF - Vishay Siliconix

Part # VLSL4236A
Download  VLSL4236A Click to download

File Size   243.14 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Brightness LED Power Module

VLSL4236A Datasheet (HTML) - Vishay Siliconix


VLSL4236A Product details

• Metal core PCB: Al > 0.75 thickness
• Single side/single layer PCB
• Shiny white surface
• 12, 24 or 36 LED’s minimum 61 lm at 350 mA per
LED. Max. current per LED 1 A
• Conductive top layer: Cu (min. 18 μm)
• Isolation layer prepreg > 63 μm
• Standard solder mask material
• ESD withstand voltage: up to 2 kV according to
JESD22-A114-B
• LM80 certified LEDs
• Compliant to RoHS Directive 2002/95/EC




Similar Part No. - VLSL4236A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLSL4236A VISHAY-VLSL4236A Datasheet
236Kb / 9P
High Brightness LED Power Module
11-Nov-10
More results


Similar Description - VLSL4236A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLPC0303A2 VISHAY-VLPC0303A2 Datasheet
207Kb / 6P
High Brightness LED Power Module
05-Dec-11
VLSL4012A VISHAY-VLSL4012A Datasheet
232Kb / 8P
High Brightness LED Power Module
13-Jul-10
VLSL4212A VISHAY-VLSL4212A Datasheet
236Kb / 9P
High Brightness LED Power Module
11-Nov-10
VLSL5012A VISHAY-VLSL5012A Datasheet
201Kb / 8P
High Brightness LED Power Module
13-Jul-10
VLPC0101C5 VISHAY-VLPC0101C5 Datasheet
195Kb / 6P
High Brightness LED Power Module
30-Jul-12
VLPC0101C6 VISHAY-VLPC0101C6 Datasheet
213Kb / 6P
High Brightness LED Power Module
27-Sep-13
VLPC0401A2J VISHAY-VLPC0401A2J Datasheet
157Kb / 5P
High Brightness LED Power Module
31-Oct-12
VLPC0601A1 VISHAY-VLPC0601A1 Datasheet
236Kb / 7P
High Brightness LED Power Module
13-Feb-12
VLSL3112A2 VISHAY-VLSL3112A2 Datasheet
205Kb / 7P
High Brightness LED Power Module
13-Apr-11
VLPC1201A2J VISHAY-VLPC1201A2J_V01 Datasheet
177Kb / 7P
High Brightness LED Power Module
11-Apr-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com