Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLWR9632 Datasheet (PDF) - Vishay Siliconix

VLWR9632 Datasheet PDF - Vishay Siliconix
Part # VLWR9632
Download  VLWR9632 Download
File Size   324.27 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description TELUX LED

VLWR9632 Datasheet (PDF)

Go To PDF Page Download Datasheet
VLWR9632 Datasheet PDF - Vishay Siliconix

Part # VLWR9632
Download  VLWR9632 Click to download

File Size   324.27 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description TELUX LED

VLWR9632 Datasheet (HTML) - Vishay Siliconix


VLWR9632 Product details

• High luminous flux
• Supreme heat dissipation: RthJP is 90 K/W
• High operating temperature:
Tamb = -40 °C to +110 °C
• Meets SAE and ECE color requirements for the
automobile industry for color red
• Packed in tubes for automatic insertion
• Luminous flux, forward voltage, and color
categorized for each tube
• Small mechanical tolerances allow precise
usage of external reflectors or lightguides
• Compatible with wave solder processes according to
CECC 00802
• ESD-withstand voltage: up to 2 kV according to
JESD 22-A114-B
• AEC-Q101 qualified




Similar Part No. - VLWR9632

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLWR9632 VISHAY-VLWR9632 Datasheet
323Kb / 7P
TELUX LED
24-Sep-2021
VLWR9632 VISHAY-VLWR9632_V01 Datasheet
323Kb / 7P
TELUX LED
24-Sep-2021
More results


Similar Description - VLWR9632

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLWW8600 VISHAY-TLWW8600 Datasheet
172Kb / 6P
TELUX LED
22-Apr-03
TLWB VISHAY-TLWB Datasheet
280Kb / 14P
TELUX LED
14-Jan-05
TLWR8900 VISHAY-TLWR8900 Datasheet
228Kb / 8P
TELUX LED
15-Dec-10
VLWB9600 VISHAY-VLWB9600 Datasheet
291Kb / 7P
TELUX LED
15-Dec-10
VLWR9630 VISHAY-VLWR9630 Datasheet
299Kb / 7P
TELUX LED
14-Jun-12
VLWW9900 VISHAY-VLWW9900 Datasheet
295Kb / 8P
TELUX LED
15-Dec-10
VLWY9930 VISHAY-VLWY9930 Datasheet
292Kb / 7P
TELUX LED
14-Jun-12
VLWB9900 VISHAY-VLWB9900_V01 Datasheet
322Kb / 7P
TELUX LED
20-Sep-2021
TLWY7900 VISHAY-TLWY7900_V02 Datasheet
303Kb / 9P
TELUX LED
07-Oct-15
TLWY8900 VISHAY-TLWY8900_V02 Datasheet
330Kb / 9P
TELUX LED
18-Apr-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com