Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSMY2943SL Datasheet (PDF) - Vishay Siliconix

VSMY2943SL Datasheet PDF - Vishay Siliconix
Part # VSMY2943SL
Download  VSMY2943SL Download
File Size   130.37 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Infrared Emitting Diode, 940 nm, Surface Emitter Technology

VSMY2943SL Datasheet (PDF)

Go To PDF Page Download Datasheet
VSMY2943SL Datasheet PDF - Vishay Siliconix

Part # VSMY2943SL
Download  VSMY2943SL Click to download

File Size   130.37 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Infrared Emitting Diode, 940 nm, Surface Emitter Technology

VSMY2943SL Datasheet (HTML) - Vishay Siliconix


VSMY2943SL Product details

• Package type: surface-mount
• Package form: side view
• Dimensions (L x W x H in mm): 2.3 x 2.55 x 2.3
• Peak wavelength: λp = 940 nm
• High reliability
• High radiant power
• Very high radiant intensity
• Angle of half intensity: ϕ = ± 28°
• Suitable for high pulse current operation
• Package matches with detector VEMD2xx3SLX01 and
VEMT2xx3SLX01 series
• Floor life: 4 weeks, MSL 2a, according to J-STD-020




Similar Part No. - VSMY2943SL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSMY2943SL VISHAY-VSMY2943SL Datasheet
118Kb / 6P
High Speed Infrared Emitting Diode, 940 nm,Surface Emitter Technology
31-Aug-15
VSMY2943SL VISHAY-VSMY2943SL Datasheet
129Kb / 6P
High Speed Infrared Emitting Diode, 940 nm, Surface Emitter Technology
08-Dec-17
VSMY2943SLX01 VISHAY-VSMY2943SLX01 Datasheet
128Kb / 6P
High Speed Infrared Emitting Diode, 940 nm, Surface Emitter Technology
22-Nov-17
VSMY2943SLX01 VISHAY-VSMY2943SLX01 Datasheet
129Kb / 6P
High Speed Infrared Emitting Diode, 940 nm, Surface Emitter Technology
22-Nov-17
VSMY2943SLX01 VISHAY-VSMY2943SLX01_V01 Datasheet
129Kb / 6P
High Speed Infrared Emitting Diode, 940 nm, Surface Emitter Technology
22-Nov-17
More results


Similar Description - VSMY2943SL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSLY5940 VISHAY-VSLY5940 Datasheet
118Kb / 5P
High Speed Infrared Emitting Diode, 940 nm, Surface Emitter Technology
29-May-15
VSMY2943SL VISHAY-VSMY2943SL Datasheet
118Kb / 6P
High Speed Infrared Emitting Diode, 940 nm,Surface Emitter Technology
31-Aug-15
VSMY3940X01 VISHAY-VSMY3940X01 Datasheet
149Kb / 7P
High Speed Infrared Emitting Diode, 940 nm,Surface Emitter Technology
25-Jun-14
VSLY5940 VISHAY-VSLY5940_V01 Datasheet
120Kb / 5P
High Speed Infrared Emitting Diode, 940 nm, Surface Emitter Technology
29-May-15
VSLY3943 VISHAY-VSLY3943_V01 Datasheet
115Kb / 5P
High Speed Infrared Emitting Diode, 940 nm, Surface Emitter Technology
10-Apr-18
VSMY3940X01 VISHAY-VSMY3940X01_V01 Datasheet
152Kb / 7P
High Speed Infrared Emitting Diode, 940 nm, Surface Emitter Technology
25-Jun-14
VSMY2943SLX01 VISHAY-VSMY2943SLX01 Datasheet
128Kb / 6P
High Speed Infrared Emitting Diode, 940 nm, Surface Emitter Technology
22-Nov-17
VSMY2943SLX01 VISHAY-VSMY2943SLX01_V01 Datasheet
129Kb / 6P
High Speed Infrared Emitting Diode, 940 nm, Surface Emitter Technology
22-Nov-17
VSMY2943SL VISHAY-VSMY2943SL_V02 Datasheet
129Kb / 6P
High Speed Infrared Emitting Diode, 940 nm, Surface Emitter Technology
08-Dec-17
VSMY3940X01 VISHAY-VSMY3940X01_V02 Datasheet
151Kb / 7P
High Speed Infrared Emitting Diode, 940 nm, Surface Emitter Technology
25-Jun-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com