Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC2812SE Datasheet (PDF) - M.S. Kennedy Corporation

DAC2812SE Datasheet PDF - M.S. Kennedy Corporation
Part # DAC2812SE
Download  DAC2812SE Download
File Size   428.88 Kbytes
Page   9 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description 5.4W DC-DC CONVERTERS

DAC2812SE Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC2812SE Datasheet PDF - M.S. Kennedy Corporation

Part # DAC2812SE
Download  DAC2812SE Click to download

File Size   428.88 Kbytes
Page   9 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description 5.4W DC-DC CONVERTERS

DAC2812SE Datasheet (HTML) - M.S. Kennedy Corporation


DAC2812SE Product details

DESCRIPTION
The DAC2812S and DAC2815S DC-DC converters are higher output voltage companion devices to MSKs DHC types. The DACs provide the ruggedness, reliability and features required to meet the advanced design challenges of todays hi-rel market. This has been accomplished while retaining a power density of 15 W/in3 and 375 mW/gram of power/package performance. The use of advanced substrate and reflow soldering techniques during construction results in a rugged, cost-effective and completely solderable package.

FEATURES
• REPLACES APEX DHC2812S, DHC2815S
• NO DERATING — –55°C TO +125°C
• HIGH ISOLATION — 500V
• OUTPUT VOLTAGE ADJUSTMENT STANDARD
• REMOTE SHUTDOWN
• 11 – 50V INPUT @ 5 WATTS OUTPUT

HI-REL DESIGN
• WAVE SOLDERABLE PACKAGE
• ALL CERAMIC CAPACITORS
• SURFACE MOUNT MAGNETICS




Similar Part No. - DAC2812SE

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
DAC2812S MSK-DAC2812S_15 Datasheet
484Kb / 9P
Surface Mount Magnetics
More results


Similar Description - DAC2812SE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF100 ETC1-WF100 Datasheet
55Kb / 2P
DC/DC Converters
logo
Murata Manufacturing Co...
MPD0S001S MURATA-MPD0S001S Datasheet
86Kb / 3P
DC-DC Converters
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
DC-DC Converters
VED30 CUI-VED30 Datasheet
203Kb / 3P
DC-DC Converters
logo
Emerson Network Power
PTH05050 EMERSON-NETWORKPOWER-PTH05050 Datasheet
411Kb / 5P
DC-DC CONVERTERS
PTH05060 EMERSON-NETWORKPOWER-PTH05060 Datasheet
341Kb / 4P
DC-DC CONVERTERS
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
DC-DC CONVERTERS
PTH12060 EMERSON-NETWORKPOWER-PTH12060 Datasheet
371Kb / 5P
DC/DC CONVERTERS
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
DC-DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com