Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG9232 Datasheet (PDF) - Vishay Siliconix

DG9232 Datasheet PDF - Vishay Siliconix
Part # DG9232
Download  DG9232 Download
File Size   216.69 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Voltage Dual SPST Analog Switch

DG9232 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG9232 Datasheet PDF - Vishay Siliconix

Part # DG9232
Download  DG9232 Click to download

File Size   216.69 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Voltage Dual SPST Analog Switch

DG9232 Datasheet (HTML) - Vishay Siliconix


DG9232 Product details

• Low voltage operation (+ 2.7 V to + 5 V)
• Low on-resistance - RDS(on): 20 Ω
• Fast switching - tON: 35 ns, tOFF: 20 ns
• Low leakage - ICOM(on): 200 pA max.
• Low charge injection - QINJ: 1 pC
• Low power consumption
• TTL/CMOS compatible
• ESD protection > 2000 V (method 3015.7)
• Available in MSOP-8 and SOIC-8
• Compliant to RoHS Directive 2002/95/EC




Similar Part No. - DG9232

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9232 VISHAY-DG9232 Datasheet
54Kb / 7P
Low-Voltage Dual SPST Analog Switch
14-May-07
DG9232 VISHAY-DG9232 Datasheet
282Kb / 12P
Low-Voltage Dual SPST Analog Switch
23-May-11
DG9232DQ VISHAY-DG9232DQ Datasheet
54Kb / 7P
Low-Voltage Dual SPST Analog Switch
14-May-07
DG9232DQ-T1-E3 VISHAY-DG9232DQ-T1-E3 Datasheet
54Kb / 7P
Low-Voltage Dual SPST Analog Switch
14-May-07
DG9232DQ-T1-E3 VISHAY-DG9232DQ-T1-E3 Datasheet
282Kb / 12P
Low-Voltage Dual SPST Analog Switch
23-May-11
More results


Similar Description - DG9232

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9232 VISHAY-DG9232 Datasheet
54Kb / 7P
Low-Voltage Dual SPST Analog Switch
14-May-07
DG9432 VISHAY-DG9432 Datasheet
102Kb / 10P
Low-Voltage Dual SPST Analog Switch
01-Aug-03
DG2003 VISHAY-DG2003 Datasheet
62Kb / 7P
Low-Voltage Dual SPST Analog Switch
17-Dec-01
DG9262 VISHAY-DG9262 Datasheet
61Kb / 7P
Low-Voltage Dual SPST Analog Switch
17-Dec-01
DG9232 VISHAY-DG9232_11 Datasheet
282Kb / 12P
Low-Voltage Dual SPST Analog Switch
23-May-11
DG9262 VISHAY-DG9262_11 Datasheet
274Kb / 12P
Low-Voltage Dual SPST Analog Switch
20-Jun-11
DG9432 VISHAY-DG9432_11 Datasheet
176Kb / 12P
Low-Voltage Dual SPST Analog Switch
23-May-11
DG9263 VISHAY-DG9263_V01 Datasheet
209Kb / 11P
Low-Voltage Dual SPST Analog Switch
20-Jun-11
DG9434 VISHAY-DG9434_V01 Datasheet
180Kb / 12P
Low-Voltage Dual SPST Analog Switch
23-May-11
DG2003 VISHAY-DG2003_V01 Datasheet
74Kb / 8P
Low-Voltage Dual SPST Analog Switch
17-Dec-01
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com