Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG9414 Datasheet (PDF) - Vishay Siliconix

DG9414 Datasheet PDF - Vishay Siliconix
Part # DG9414
Download  DG9414 Download
File Size   165.37 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Single 4 x 1 and Dual 2 x 1 Multiplexers

DG9414 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG9414 Datasheet PDF - Vishay Siliconix

Part # DG9414
Download  DG9414 Click to download

File Size   165.37 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Single 4 x 1 and Dual 2 x 1 Multiplexers

DG9414 Datasheet (HTML) - Vishay Siliconix


DG9414 Product details

• Low voltage operation (+ 2.7 V to + 12 V)
• Low on-resistance - RDS(on): 14 Ω
• Low power consumption
• TTL compatible
• ESD protection > 2000 V (method 3015.7)
• Available in TSSOP-10 (aka MSOP-10)
• Compliant to RoHS Directive 2002/95/EC




Similar Part No. - DG9414

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9414 VISHAY-DG9414 Datasheet
77Kb / 9P
Single 4 x 1 and Dual 2 x 1 Multiplexers
17-Feb-03
DG9414 VISHAY-DG9414 Datasheet
135Kb / 10P
Single 4 x 1 and Dual 2 x 1 Multiplexers
14-May-07
DG9414 VISHAY-DG9414 Datasheet
162Kb / 11P
Single 4 x 1 and Dual 2 x 1 Multiplexers
23-May-11
DG9414DQ VISHAY-DG9414DQ Datasheet
77Kb / 9P
Single 4 x 1 and Dual 2 x 1 Multiplexers
17-Feb-03
DG9414DQ-T1-E3 VISHAY-DG9414DQ-T1-E3 Datasheet
135Kb / 10P
Single 4 x 1 and Dual 2 x 1 Multiplexers
14-May-07
More results


Similar Description - DG9414

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9414 VISHAY-DG9414 Datasheet
77Kb / 9P
Single 4 x 1 and Dual 2 x 1 Multiplexers
17-Feb-03
DG9414 VISHAY-DG9414_08 Datasheet
135Kb / 10P
Single 4 x 1 and Dual 2 x 1 Multiplexers
14-May-07
DG9414 VISHAY-DG9414_11 Datasheet
162Kb / 11P
Single 4 x 1 and Dual 2 x 1 Multiplexers
23-May-11
logo
AAEON Technology
PFM-540I-A AAEON-PFM-540I-A Datasheet
246Kb / 2P
USB2.0 x 4, COM x 2, and Parallel x 1
logo
Recom International Pow...
RAC10-K-277 RECOM-RAC10-K-277 Datasheet
503Kb / 6P
10 Watt 2 x 1 Single and Dual Output
REM15-W RECOM-REM15-W Datasheet
1Mb / 8P
15 Watt 4:1 Input 1.6 x 1 Single and Dual Output
REM30-W RECOM-REM30-W Datasheet
2Mb / 8P
30 Watt 4:1 Input 2 x 1 Single and Dual Output
RP12-AR RECOM-RP12-AR Datasheet
816Kb / 8P
12 Watt 1 x 1 Single and Dual Output
REC8E RECOM-REC8E Datasheet
2Mb / 6P
8 Watt 1??x 1??Single and Dual Output
RPA40-FR RECOM-RPA40-FR Datasheet
659Kb / 7P
40 Watt 2“ x 1“ Single and Dual Output
REV.: 0/2023
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com