Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DHC2803SH Datasheet (PDF) - M.S. Kennedy Corporation

DHC2803SH Datasheet PDF - M.S. Kennedy Corporation
Part # DHC2803SH
Download  DHC2803SH Download
File Size   265.87 Kbytes
Page   9 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description 6W DC-DC CONVERTERS

DHC2803SH Datasheet (PDF)

Go To PDF Page Download Datasheet
DHC2803SH Datasheet PDF - M.S. Kennedy Corporation

Part # DHC2803SH
Download  DHC2803SH Click to download

File Size   265.87 Kbytes
Page   9 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description 6W DC-DC CONVERTERS

DHC2803SH Datasheet (HTML) - M.S. Kennedy Corporation


DHC2803SH Product details

DESCRIPTION:
The DHC2800S series of DC-DC converters provides the ruggedness, reliability and features required to meet the advanced design challenges of todays hi-rel market. The use of advanced substrate and reflow soldering techniques during construction results in a rugged, cost-effective and completely solderable package.

FEATURES:
• 70% Typical Efficiency
• All Ceramic Capacitors
• Surface Mount Magnetics
• Withstands 5000G
• MIL STD 461C CE03 (With EFJ2803 Filter)
• 80 Volt Input Transient Tolerent
• No Derating - -55°C to +125°C
• Wide Supply Range - 10V to 50V
• High Isolation - 500V
• High Power Density - 17W/in³
• Output Voltage Adjustment - Standard
• Remote Shutdown
• Operates to 11V Input at 5W
• Available with 3.3V or 5V Outputs
• See DAC2800s Series for 12V and 15V Versions
• Available to DSCC SMD 5962-94629 and 5962-93092

TYPICAL APPLICATIONS
• Isolated Step Down Power Supply
• Microprocessor Power Source
• Low Voltage Subsystem Power Source




Similar Part No. - DHC2803SH

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
DHC2803SH MSK-DHC2803SH Datasheet
411Kb / 9P
6W DC-DC CONVERTERS
logo
Anaren Microwave
DHC2803SH ANAREN-DHC2803SH Datasheet
412Kb / 9P
6W DC-DC CONVERTERS
More results


Similar Description - DHC2803SH

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
DAC2800D MSK-DAC2800D Datasheet
192Kb / 7P
6W DUAL DC - DC CONVERTERS
MSKDHC2800SRG MSK-MSKDHC2800SRG Datasheet
411Kb / 9P
6W DC-DC CONVERTERS
logo
MicroPower Direct, LLC
MR0611S MPD-MR0611S Datasheet
1Mb / 4P
Ultra-Wide Input, 6W Miniature, Railway DC/DC Converters
logo
Murata Power Solutions ...
MGJ6 MURATA-PS-MGJ6 Datasheet
210Kb / 10P
5.2kVDC Isolated 6W Gate Drive SM DC/DC Converters
logo
Toppower Electronic Tec...
TP06DA TOPPOWER-TP06DA Datasheet
201Kb / 4P
6W Wide Input Voltage DC/DC Converters
TP06DB TOPPOWER-TP06DB Datasheet
186Kb / 4P
6W Wide Voltage Input DC/DC Converters
logo
Anaren Microwave
DHC2800S ANAREN-DHC2800S Datasheet
412Kb / 9P
6W DC-DC CONVERTERS
logo
Toppower Electronic Tec...
TP06DA_19 TOPPOWER-TP06DA_19_05 Datasheet
263Kb / 4P
6W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
logo
Minmax Technology Co., ...
MDWI06 MINMAX-MDWI06 Datasheet
462Kb / 4P
DC-DC CONVERTER 6W
MIW06M MINMAX-MIW06M Datasheet
941Kb / 5P
DC-DC CONVERTER 6W
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com