Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG9636 Datasheet (PDF) - Vishay Siliconix

DG9636 Datasheet PDF - Vishay Siliconix
Part # DG9636
Download  DG9636 Download
File Size   185.98 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual SPDT Analog Switch

DG9636 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG9636 Datasheet PDF - Vishay Siliconix

Part # DG9636
Download  DG9636 Click to download

File Size   185.98 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual SPDT Analog Switch

DG9636 Datasheet (HTML) - Vishay Siliconix


DG9636 Product details

• Leakage current < 0.5 nA max. at 85 °C
• Low switch capacitance (Csoff, 2 pF typ.)
• RDS(on) -83  max.
• Low voltage, 1.65 V CMOS/TTL compatible
• 720 MHz, -3 dB bandwidth
• Fully specified with single supply operation at 12 V
• Excellent isolation and crosstalk performance
(typ. > -60 dB at 10 MHz)
• Fully specified from -40 °C to 85 °C and -40 °C to +125 °C
• Latch-up current 300 mA per JESD78
• Lead (Pb)-free low profile miniQFN-10 (1.4 mm x 1.8 mm
x 0.55 mm)




Similar Part No. - DG9636

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9636 VISHAY-DG9636 Datasheet
185Kb / 10P
Dual SPDT Analog Switch
06-Sep-10
DG9636DN-T1-E4 VISHAY-DG9636DN-T1-E4 Datasheet
185Kb / 10P
Dual SPDT Analog Switch
06-Sep-10
DG9636EN-T1-E4 VISHAY-DG9636EN-T1-E4 Datasheet
185Kb / 10P
Dual SPDT Analog Switch
06-Sep-10
More results


Similar Description - DG9636

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-303 INTERSIL-HI-303 Datasheet
327Kb / 11P
Dual, SPDT CMOS Analog Switch
November 17, 2004
logo
Vishay Siliconix
DG9236 VISHAY-DG9236 Datasheet
269Kb / 12P
Dual SPDT Analog Switch
25-Apr-11
DG9636 VISHAY-DG9636 Datasheet
185Kb / 10P
Dual SPDT Analog Switch
06-Sep-10
logo
Protek Devices
PA2223 PROTEC-PA2223 Datasheet
134Kb / 9P
LoPro??Dual SPDT Analog Switch
PA4684 PROTEC-PA4684 Datasheet
170Kb / 9P
Dual SPDT Analog Switch
PAM22LOPR2268 PROTEC-PAM22LOPR2268 Datasheet
324Kb / 10P
LoPro??Dual SPDT Analog Switch
logo
SG Micro Corp
SGM4717 SGMICRO-SGM4717_15 Datasheet
365Kb / 12P
Dual, SPDT Analog Switch
logo
Protek Devices
PA2268 PROTEC-PA2268_15 Datasheet
154Kb / 9P
DUAL SPDT ANALOG SWITCH
logo
ON Semiconductor
NLAS5223C ONSEMI-NLAS5223C Datasheet
117Kb / 10P
Dual SPDT Analog Switch
September, 2015 ??Rev. 2
logo
Vishay Siliconix
DG9236 VISHAY-DG9236_V01 Datasheet
256Kb / 13P
Dual SPDT Analog Switch
25-Apr-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com