Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQ4961EY Datasheet (PDF) - Vishay Siliconix

SQ4961EY Datasheet PDF - Vishay Siliconix
Part # SQ4961EY
Download  SQ4961EY Download
File Size   193.88 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive Dual P-Channel 60 V (D-S) 175 °C MOSFET

SQ4961EY Datasheet (PDF)

Go To PDF Page Download Datasheet
SQ4961EY Datasheet PDF - Vishay Siliconix

Part # SQ4961EY
Download  SQ4961EY Click to download

File Size   193.88 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive Dual P-Channel 60 V (D-S) 175 °C MOSFET

SQ4961EY Datasheet (HTML) - Vishay Siliconix


SQ4961EY Product details

• TrenchFET® Power MOSFET
• AEC-Q101 Qualified
• 100 % Rg and UIS Tested




Similar Part No. - SQ4961EY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ4961EY VISHAY-SQ4961EY Datasheet
261Kb / 10P
Automotive Dual P-Channel 60 V (D-S) 175 °C MOSFET
04-Jul-11
SQ4961EY VISHAY-SQ4961EY Datasheet
206Kb / 10P
Automotive P-Channel 30 V (D-S) 175 °C MOSFET
20-May-13
SQ4961EY VISHAY-SQ4961EY Datasheet
192Kb / 9P
Automotive Dual P-Channel 60 V (D-S) 175 °C MOSFET
10-Dec-12
logo
VBsemi Electronics Co.,...
SQ4961EY-T1-GE3 VBSEMI-SQ4961EY-T1-GE3 Datasheet
1Mb / 9P
Dual P-Channel 6 0-V (D-S) MOSFET
logo
BYCHIP ELECTRONICS CO.,...
SQ4961EY-T1-GE3 BYCHIP-SQ4961EY-T1-GE3 Datasheet
1Mb / 5P
Dual P-channel Enhancement Mode Power MOSFET
v1.0
More results


Similar Description - SQ4961EY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ3427EEV VISHAY-SQ3427EEV Datasheet
211Kb / 11P
Automotive P-Channel 60 V (D-S) 175 °C MOSFET
07-Nov-11
SQ4961EY VISHAY-SQ4961EY Datasheet
261Kb / 10P
Automotive Dual P-Channel 60 V (D-S) 175 °C MOSFET
04-Jul-11
SQJ963EP VISHAY-SQJ963EP Datasheet
191Kb / 10P
Automotive Dual P-Channel 60 V (D-S) 175 °C MOSFET
18-Jul-11
SQJ461EP VISHAY-SQJ461EP_15 Datasheet
173Kb / 11P
Automotive P-Channel 60 V (D-S) 175 °C MOSFET
28-Nov-11
SQ4917EY VISHAY-SQ4917EY_15 Datasheet
317Kb / 12P
Automotive Dual P-Channel 60 V (D-S) 175 °C MOSFET
19-May-14
SQ4961EY VISHAY-SQ4961EY_15 Datasheet
261Kb / 11P
Automotive Dual P-Channel 60 V (D-S) 175 °C MOSFET
10-Dec-12
SQJ963EP VISHAY-SQJ963EP_15 Datasheet
727Kb / 11P
Automotive Dual P-Channel 60 V (D-S) 175 °C MOSFET
18-Jul-11
SQ4917CEY VISHAY-SQ4917CEY Datasheet
820Kb / 6P
Automotive Dual P-Channel 60 V (D-S) 175 °C MOSFET
06-Feb-2023
SQ4917EY VISHAY-SQ4917EY_V02 Datasheet
218Kb / 9P
Automotive Dual P-Channel 60 V (D-S) 175 °C MOSFET
23-Apr-2021
SQ4961EY VISHAY-SQ4961EY_V02 Datasheet
192Kb / 9P
Automotive Dual P-Channel 60 V (D-S) 175 °C MOSFET
10-Dec-12
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com