Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI49FCT32806S Datasheet (PDF) - Pericom Semiconductor Corporation

PI49FCT32806S Datasheet PDF - Pericom Semiconductor Corporation
Part # PI49FCT32806S
Download  PI49FCT32806S Download
File Size   214.04 Kbytes
Page   7 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V, 2 x 1:5 CMOS Clock Driver

PI49FCT32806S Datasheet (PDF)

Go To PDF Page Download Datasheet
PI49FCT32806S Datasheet PDF - Pericom Semiconductor Corporation

Part # PI49FCT32806S
Download  PI49FCT32806S Click to download

File Size   214.04 Kbytes
Page   7 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V, 2 x 1:5 CMOS Clock Driver

PI49FCT32806S Datasheet (HTML) - Pericom Semiconductor Corporation


PI49FCT32806S Product details

Description
Pericom Semiconductor’s PI49FCT32806 are inverting drivers. The outputs are configured into 2 groups of 1-in, 5-out with independent output enable. Group B has an extra MON output. Excellent output signals to power and ground ratio minimize power and ground noise, and also improves output performance.
PI49FCT32806 integrate series damping resistors on all outputs.

Features
• Low output skew: <270ps
• Switching frequency of 133 MHz
• Fast output rise/fall time <1.5ns
• Low propagation delay <3.0ns
• Low input capacitance <6.0pF
• Balanced CMOS outputs
• Industrial Temperature: –40°C to +85°C
• 3.3V ±10% operation
• Packaging (Pb-free & Green available):
    – 20-pin 300-mil wide SOIC (S)
    – 20-pin 150-mil wide QSOP (Q)
    – 20-pin 209-mil wide SSOP (H)




Similar Part No. - PI49FCT32806S

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT32802 PERICOM-PI49FCT32802 Datasheet
386Kb / 6P
1:5/1:7 3.3V CMOS Clock Drivers
PI49FCT32802L PERICOM-PI49FCT32802L Datasheet
386Kb / 6P
1:5/1:7 3.3V CMOS Clock Drivers
PI49FCT32802LE PERICOM-PI49FCT32802LE Datasheet
386Kb / 6P
1:5/1:7 3.3V CMOS Clock Drivers
PI49FCT32802LE PERICOM-PI49FCT32802LE Datasheet
410Kb / 6P
1:5/1:7 3.3V CMOS Clock Drivers
PI49FCT32802Q PERICOM-PI49FCT32802Q Datasheet
386Kb / 6P
1:5/1:7 3.3V CMOS Clock Drivers
More results


Similar Description - PI49FCT32806S

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT32805 PERICOM-PI49FCT32805 Datasheet
425Kb / 7P
3.3V, 2 x 1:5 CMOS Clock Driver
PI49FCT3805D PERICOM-PI49FCT3805D Datasheet
325Kb / 7P
3.3V, 2 x 1:5 CMOS Clock Driver
PI49FCT3805D PERICOM-PI49FCT3805D_04 Datasheet
433Kb / 8P
3.3V, 2 x 1:5 CMOS Clock Driver
logo
List of Unclassifed Man...
PO74G38072A ETC2-PO74G38072A Datasheet
469Kb / 5P
3.3V 1:2 CMOS Clock Driver
logo
Potato Semiconductor Co...
PO49FCT3802A POTATO-PO49FCT3802A Datasheet
566Kb / 6P
3.3V 1:5 CMOS Clock Buffered Driver
PO49FCT32802G POTATO-PO49FCT32802G Datasheet
524Kb / 6P
3.3V 1:5 CMOS Clock Buffered Driver
PO74G38072A POTATO-PO74G38072A Datasheet
481Kb / 5P
3.3V 1:2 CMOS Clock Driver
logo
Integrated Device Techn...
IDT74FCT38075 IDT-IDT74FCT38075_12 Datasheet
209Kb / 6P
3.3V CMOS 1-TO-5 CLOCK DRIVER
logo
Pericom Semiconductor C...
PI49FCT3805DQEX PERICOM-PI49FCT3805DQEX Datasheet
423Kb / 9P
3.3V, 2 x 1:5 CMOS Clock Driver
logo
Renesas Technology Corp
IDT74FCT38075 RENESAS-IDT74FCT38075 Datasheet
373Kb / 7P
3.3V CMOS 1-TO-5 CLOCK DRIVER
JAN. 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com