Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SISF20DN Datasheet (PDF) - Vishay Siliconix

SISF20DN Datasheet PDF - Vishay Siliconix
Part # SISF20DN
Download  SISF20DN Download
File Size   230.78 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Common - Drain Dual N-Channel 60 V (S1-S2) MOSFET

SISF20DN Datasheet (PDF)

Go To PDF Page Download Datasheet
SISF20DN Datasheet PDF - Vishay Siliconix

Part # SISF20DN
Download  SISF20DN Click to download

File Size   230.78 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Common - Drain Dual N-Channel 60 V (S1-S2) MOSFET

SISF20DN Datasheet (HTML) - Vishay Siliconix


SISF20DN Product details

• TrenchFET® Gen IV power MOSFET
• Very low source-to-source on resistance
• Integrated common-drain n-channel MOSFETs
in a compact and thermally enhanced package
• 100 % Rg and UIS tested
• Optimizes circuit layout for bi-directional current flow




Similar Part No. - SISF20DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SISF20DN VISHAY-SISF20DN Datasheet
235Kb / 9P
Common - Drain Dual N-Channel 60 V (S1-S2) MOSFET
10-Dec-2018
More results


Similar Description - SISF20DN

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GF6968A GE-GF6968A Datasheet
152Kb / 5P
Common-Drain Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOC3870 AOSMD-AOC3870 Datasheet
438Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
logo
NIKO SEMICONDUCTOR CO.,...
PKE24DB NIKOSEM-PKE24DB Datasheet
309Kb / 6P
Dual Common Drain N-Channel MOSFET
logo
Vishay Siliconix
SISF20DN VISHAY-SISF20DN Datasheet
235Kb / 9P
Common - Drain Dual N-Channel 60 V (S1-S2) MOSFET
10-Dec-2018
logo
Wuxi U-NIKC Semiconduct...
PB554DY UNIKC-PB554DY Datasheet
462Kb / 5P
Dual Common Drain N-Channel MOSFET
logo
Vishay Siliconix
SISF00DN VISHAY-SISF00DN Datasheet
270Kb / 9P
Common Drain Dual N-Channel 30 V (S1-S2) MOSFET
09-Nov-2020
SISF02DN VISHAY-SISF02DN Datasheet
231Kb / 9P
Common Drain Dual N-Channel 25 V (S1-S2) MOSFET
04-Feb-2019
SISF04DN VISHAY-SISF04DN Datasheet
192Kb / 9P
Common Drain Dual N-Channel 30 V (S1-S2) MOSFET
02-Sep-2019
SISF06DN VISHAY-SISF06DN Datasheet
225Kb / 9P
Common Drain Dual N-Channel 30 V (S1-S2) MOSFET
13-Jan-2020
logo
Alpha & Omega Semicondu...
AOCA24106C AOSMD-AOCA24106C Datasheet
554Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
Rev.1.0: April 2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com