Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN74AC534 Datasheet (PDF) - Integral Corp.

IN74AC534 Datasheet PDF - Integral Corp.
Part # IN74AC534
Download  IN74AC534 Download
File Size   198.06 Kbytes
Page   5 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description Octal 3-State Inverting D Flip-Flop High-Speed Silicon-Gate CMOS

IN74AC534 Datasheet (PDF)

Go To PDF Page Download Datasheet
IN74AC534 Datasheet PDF - Integral Corp.

Part # IN74AC534
Download  IN74AC534 Click to download

File Size   198.06 Kbytes
Page   5 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description Octal 3-State Inverting D Flip-Flop High-Speed Silicon-Gate CMOS

IN74AC534 Datasheet (HTML) - Integral Corp.


IN74AC534 Product details

Octal 3-State Inverting D Flip-Flop High-Speed Silicon-Gate CMOS

The IN74AC534 is identical in pinout to the LS/ALS534, HC/HCT534. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LS/ALS outputs.
Data meeting the setup time is clocked, in inverted form, to the outputs with the rising edge of the Clock. The Output Enable input does not affect the states of the flip-flops, but when Output Enable is high, the outputs are forced to the high impedance state. Thus, data may be stored even when the outputs are not enabled.

• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
• High Noise Immunity Characteristic of CMOS Devices
• Outputs Source/Sink 24 mA




Similar Part No. - IN74AC534

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74AC534 IKSEMICON-IN74AC534 Datasheet
238Kb / 6P
Octal 3-State Inverting D Flip-Flop High-Speed Silicon-Gate CMOS
IN74AC534DW IKSEMICON-IN74AC534DW Datasheet
238Kb / 6P
Octal 3-State Inverting D Flip-Flop High-Speed Silicon-Gate CMOS
IN74AC534N IKSEMICON-IN74AC534N Datasheet
238Kb / 6P
Octal 3-State Inverting D Flip-Flop High-Speed Silicon-Gate CMOS
More results


Similar Description - IN74AC534

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC534 SLS-SL74HC534 Datasheet
53Kb / 5P
Octal 3-State Inverting D Flip-Flop(High-Performance Silicon-Gate CMOS)
logo
Integral Corp.
IN74ACT374 INTEGRAL-IN74ACT374 Datasheet
226Kb / 5P
OCTAL 3-STATE NONINVERTING D FLIP-FLOP High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC374 KODENSHI-KK74AC374 Datasheet
348Kb / 6P
Octal 3-State Noninverting D Flip-Flop High-Speed Silicon-Gate CMOS
KK74AC534 KODENSHI-KK74AC534 Datasheet
325Kb / 6P
Octal 3-State Inverting D Flip-Flop High-Speed Silicon-Gate CMOS
KK74ACT374 KODENSHI-KK74ACT374 Datasheet
344Kb / 6P
Octal 3-State Noninverting D Flip-Flop High-Speed Silicon-Gate CMOS
KK74ACT534 KODENSHI-KK74ACT534 Datasheet
301Kb / 6P
Octal 3-State Inverting D Flip-Flop High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC534A IKSEMICON-IN74HC534A Datasheet
172Kb / 6P
Octal 3-State Inverting D Flip-Flop High-Performance Silicon-Gate CMOS
IN74AC374 IKSEMICON-IN74AC374 Datasheet
252Kb / 6P
Octal 3-State Noninverting D Flip-Flop High-Speed Silicon-Gate CMOS
IN74AC534 IKSEMICON-IN74AC534 Datasheet
238Kb / 6P
Octal 3-State Inverting D Flip-Flop High-Speed Silicon-Gate CMOS
IN74ACT534 IKSEMICON-IN74ACT534 Datasheet
288Kb / 6P
Octal 3-State Inverting D Flip-Flop High-Speed Silicon-Gate CMOS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com