Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP11205 Datasheet (PDF) - Vishay Siliconix

SIP11205 Datasheet PDF - Vishay Siliconix
Part # SIP11205
Download  SIP11205 Download
File Size   341.34 Kbytes
Page   21 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Feed-Forward Controller with Primary MOSFET Drivers for Intermediate Bus Converters

SIP11205 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIP11205 Datasheet PDF - Vishay Siliconix

Part # SIP11205
Download  SIP11205 Click to download

File Size   341.34 Kbytes
Page   21 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Feed-Forward Controller with Primary MOSFET Drivers for Intermediate Bus Converters

SIP11205 Datasheet (HTML) - Vishay Siliconix


SIP11205 Product details

• 36 V to 75 V input voltage range
• Withstand 100 V, 100 ms transient capability
• Integrated ± 1.6 A typical high- and low-side MOSFET
drivers
• Oscillator frequency is programmable from 200 kHz to
1 MHz (100 kHz to 500 kHz switching frequency) and can
be externally synchronized
• Voltage feed-forward compensation
• High voltage pre-regulator operates during start-up
• Current sensing on primary low-side switch
• Hiccup mode
• System low input voltage detection
• Chip UVLO function
• Programmable soft-start function
• Over temperature protection (160 °C)
• Greater than 95.5 % efficiency for 42 V to 55 V input range
• Better than 2 % line regulation at 9 A




Similar Part No. - SIP11205

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP11205 VISHAY-SIP11205 Datasheet
339Kb / 21P
Feed-Forward Controller with Primary MOSFET Drivers for Intermediate Bus Converters
04-Aug-08
SIP11205DLP-T1-E3 VISHAY-SIP11205DLP-T1-E3 Datasheet
339Kb / 21P
Feed-Forward Controller with Primary MOSFET Drivers for Intermediate Bus Converters
04-Aug-08
SIP11205DQP-T1-E3 VISHAY-SIP11205DQP-T1-E3 Datasheet
339Kb / 21P
Feed-Forward Controller with Primary MOSFET Drivers for Intermediate Bus Converters
04-Aug-08
More results


Similar Description - SIP11205

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6744 INTERSIL-ISL6744 Datasheet
403Kb / 18P
Intermediate Bus PWM Controller
September 22, 2005
ISL6744A INTERSIL-ISL6744A Datasheet
344Kb / 18P
Intermediate Bus PWM Controller
October 8, 2007
logo
Vishay Siliconix
SIP11205 VISHAY-SIP11205 Datasheet
339Kb / 21P
Feed-Forward Controller with Primary MOSFET Drivers for Intermediate Bus Converters
04-Aug-08
SIP11206 VISHAY-SIP11206 Datasheet
414Kb / 19P
Half-Bridge Controller with Primary MOSFET Drivers for Intermediate Bus Converters
04-Aug-08
logo
International Rectifier
IRF6648PBF IRF-IRF6648PBF_15 Datasheet
645Kb / 10P
Ideal for 24V input Primary Side Forward Converters
logo
Intersil Corporation
ISL6744AU INTERSIL-ISL6744AU Datasheet
323Kb / 18P
Intermediate Bus PWM Controller
September 22, 2005
ISL6744AAUZ INTERSIL-ISL6744AAUZ Datasheet
345Kb / 18P
Intermediate Bus PWM Controller
October 8, 2007
logo
Renesas Technology Corp
ISL6744 RENESAS-ISL6744 Datasheet
788Kb / 18P
Intermediate Bus PWM Controller
ISL6744A RENESAS-ISL6744A Datasheet
1Mb / 27P
Intermediate Bus PWM Controller
logo
Vishay Siliconix
SIP11206 VISHAY-SIP11206_V01 Datasheet
341Kb / 19P
Half-Bridge Controller with Primary MOSFET Drivers for Intermediate Bus Converters
04-Aug-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com