Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP12110 Datasheet (PDF) - Vishay Siliconix

SIP12110 Datasheet PDF - Vishay Siliconix
Part # SIP12110
Download  SIP12110 Download
File Size   400.71 Kbytes
Page   16 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 6 A, 4.5 V to 15 V Input Synchronous Buck Regulator

SIP12110 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIP12110 Datasheet PDF - Vishay Siliconix

Part # SIP12110
Download  SIP12110 Click to download

File Size   400.71 Kbytes
Page   16 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 6 A, 4.5 V to 15 V Input Synchronous Buck Regulator

SIP12110 Datasheet (HTML) - Vishay Siliconix


SIP12110 Product details

• 4.5 V to 15 V input voltage
• Adjustable output voltage down to 0.6 V
• 6 A continuous output current
• Selectable switching frequency from 400 kHz to
1.0 MHz with an external resistor
• 95 % peak efficiency
• Stable with any capacitor. No external ESR network
required
• Ultrafast transient response
• Power saving scheme for increased light load efficiency
• ± 1 % accuracy of VOUT setting
• Cycle-by-cycle current limit
• Fully protected with OTP, SCP, UVP, OVP
• PGOOD indicator
• -40 °C to +125 °C operating junction temperature
• Output voltage tracking




Similar Part No. - SIP12110

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
15-Sep-14
SIP12110 VISHAY-SIP12110 Datasheet
4Mb / 12P
microBUCK® Highly Integrated Synchronous Buck Regulators
SiP12110DB VISHAY-SiP12110DB Datasheet
374Kb / 16P
6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
15-Sep-14
SiP12110DMP-T1-GE4 VISHAY-SiP12110DMP-T1-GE4 Datasheet
374Kb / 16P
6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
15-Sep-14
More results


Similar Description - SIP12110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS84621 TI1-TPS84621 Datasheet
993Kb / 30P
4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
logo
Vishay Siliconix
SIC462 VISHAY-SIC462 Datasheet
1Mb / 23P
4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
13-Mar-17
SIP12109 VISHAY-SIP12109 Datasheet
317Kb / 17P
4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
16-Dec-13
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
15-Sep-14
logo
Texas Instruments
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_V01 Datasheet
1Mb / 30P
TPS56637 4.5-V to 28-V Input, 6-A Synchronous Buck Converter
logo
Vishay Siliconix
SIP12109 VISHAY-SIP12109_V01 Datasheet
328Kb / 16P
4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
29-Jun-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com