Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP2100 Datasheet (PDF) - Vishay Siliconix

SIP2100 Datasheet PDF - Vishay Siliconix
Part # SIP2100
Download  SIP2100 Download
File Size   173.03 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 5 V, 1 A H-Bridge Motor Driver

SIP2100 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIP2100 Datasheet PDF - Vishay Siliconix

Part # SIP2100
Download  SIP2100 Click to download

File Size   173.03 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 5 V, 1 A H-Bridge Motor Driver

SIP2100 Datasheet (HTML) - Vishay Siliconix


SIP2100 Product details

• 1 A drive capability
• Optimized for 5 V VDD bias
• Extremely low idle current
• Shoot-through protection scheme
• Thermal shutdown




Similar Part No. - SIP2100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP2100 VISHAY-SIP2100 Datasheet
172Kb / 7P
5 V, 1 A H-Bridge Motor Driver
10-Dec-12
More results


Similar Description - SIP2100

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC17510EJ MOTOROLA-MPC17510EJ Datasheet
490Kb / 12P
1.2 A 15 V H-Bridge Motor Driver IC
logo
Freescale Semiconductor...
17510 FREESCALE-17510 Datasheet
407Kb / 14P
1.2 A 15 V H-Bridge Motor Driver IC
17511A FREESCALE-17511A Datasheet
222Kb / 16P
1.0 A 6.8 V H-Bridge Motor Driver IC
17533 FREESCALE-17533 Datasheet
372Kb / 12P
0.7 A 6.8 V Dual H-Bridge Motor Driver
MPC17510 FREESCALE-MPC17510 Datasheet
407Kb / 14P
1.2 A 15 V H-Bridge Motor Driver IC
MPC17511A FREESCALE-MPC17511A Datasheet
852Kb / 17P
1.0 A 6.8 V H-Bridge Motor Driver IC
logo
Renesas Technology Corp
HD74HC670 RENESAS-HD74HC670 Datasheet
106Kb / 9P
1.0 A 6.8 V H-Bridge Motor Driver IC
HD74LV2GT04A RENESAS-HD74LV2GT04A Datasheet
83Kb / 8P
1.0 A 6.8 V H-Bridge Motor Driver IC
logo
Texas Instruments
DRV8829 TI-DRV8829_15 Datasheet
1,016Kb / 27P
DRV8829 5-A 45-V Single H-Bridge Motor Driver
logo
Vishay Siliconix
SIP2100 VISHAY-SIP2100 Datasheet
172Kb / 7P
5 V, 1 A H-Bridge Motor Driver
10-Dec-12
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com