Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32101 Datasheet (PDF) - Vishay Siliconix

SIP32101 Datasheet PDF - Vishay Siliconix
Part # SIP32101
Download  SIP32101 Download
File Size   179.87 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 6.5 mΩ, Bi-Directional Battery Switch in Compact WCSP

SIP32101 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIP32101 Datasheet PDF - Vishay Siliconix

Part # SIP32101
Download  SIP32101 Click to download

File Size   179.87 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 6.5 mΩ, Bi-Directional Battery Switch in Compact WCSP

SIP32101 Datasheet (HTML) - Vishay Siliconix


SIP32101 Product details

• Bi-directional ON and OFF
• 7 A continuous current capability
• Ultra low Ron, 6.5 mΩ (typ.) at 3.3 V
• Wide input voltage, 2.3 V to 5.5 V
• Slew rate controlled turn on
• Ultra-low quiescent current: 15 pA (SiP32101, SiP32102)
• EN pin with integrated pull up or pull down resistor
• Available in both logic high and logic low enable options
• Compact 12-Bump, 1.3 mm x 1.7 mm x 0.55 mm
WCSP package




Similar Part No. - SIP32101

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32101 VISHAY-SIP32101 Datasheet
180Kb / 9P
6.5 mΩ, Bi-Directional Battery Switch in Compact WCSP
30-Mar-15
SIP32101 VISHAY-SIP32101 Datasheet
683Kb / 7P
Evaluation Board Manual
13-Mar-14
SiP32101DB-T1-GE1 VISHAY-SiP32101DB-T1-GE1 Datasheet
180Kb / 9P
6.5 mΩ, Bi-Directional Battery Switch in Compact WCSP
30-Mar-15
SiP32101EVB VISHAY-SiP32101EVB Datasheet
180Kb / 9P
6.5 mΩ, Bi-Directional Battery Switch in Compact WCSP
30-Mar-15
SIP32101EVKIT VISHAY-SIP32101EVKIT Datasheet
683Kb / 7P
Evaluation Board Manual
13-Mar-14
More results


Similar Description - SIP32101

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPLC-35-FE-BX SOURCE-SPLC-35-FE-BX Datasheet
321Kb / 13P
CSFP Compact SFP Bi-Directional Transceiver
SPLC-43-GB-BX SOURCE-SPLC-43-GB-BX Datasheet
327Kb / 13P
CSFP Compact SFP Bi-Directional Transceiver
SPLC-53-FE-BX SOURCE-SPLC-53-FE-BX Datasheet
327Kb / 13P
CSFP Compact SFP Bi-Directional Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-301C AVAGO-ASSR-301C Datasheet
110Kb / 7P
Compact Solid-State Bi-directional Signal Switch
ASSR-1218 AVAGO-ASSR-1218 Datasheet
356Kb / 12P
Compact Solid-State Bi-directional Signal Switch
logo
Vishay Siliconix
SIP32101 VISHAY-SIP32101 Datasheet
180Kb / 9P
6.5 mΩ, Bi-Directional Battery Switch in Compact WCSP
30-Mar-15
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-322R AVAGO-ASSR-322R Datasheet
124Kb / 12P
Compact Solid-State Bi-directional Signal Switch
ASSR-1510 AVAGO-ASSR-1510 Datasheet
197Kb / 15P
Compact Solid-State Bi-directional Signal Switch
logo
Vishay Siliconix
SIP32467 VISHAY-SIP32467 Datasheet
503Kb / 13P
50 mΩ, Slew Rate Controlled Load Switch in WCSP
28-Apr-14
SIP32104 VISHAY-SIP32104 Datasheet
185Kb / 8P
6.5 m, Bidirectional Battery Switch in Compact WCSP
03-Apr-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com