Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32419 Datasheet (PDF) - Vishay Siliconix

SIP32419 Datasheet PDF - Vishay Siliconix
Part # SIP32419
Download  SIP32419 Download
File Size   663.07 Kbytes
Page   16 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 28 V, 56 mΩ, Load Switch with Programmable Current Limit and Slew Rate Control

SIP32419 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIP32419 Datasheet PDF - Vishay Siliconix

Part # SIP32419
Download  SIP32419 Click to download

File Size   663.07 Kbytes
Page   16 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 28 V, 56 mΩ, Load Switch with Programmable Current Limit and Slew Rate Control

SIP32419 Datasheet (HTML) - Vishay Siliconix


SIP32419 Product details

• 6 V to 28 V operation voltage
• 56 mΩ typical on resistance
• Programmable soft start
• Programmable current limit
• Programmable soft start control
• Over temperature protection
• Power good, when VOUT reaches 90 % of VIN
• Fault flag on for thermal shutdown and OCP
• Under voltage lockout: 4.8 V / 5.4 V (typ. / max.)
• Auto-retry SiP32429 and latch-off SiP32419 versions
• Package: DFN-10 3 mm x 3 mm
• IEC 62368-1 certified




Similar Part No. - SIP32419

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32419 VISHAY-SIP32419 Datasheet
580Kb / 14P
28 V, 56 m, Load Switch with Programmable Current Limit and Slew Rate Control
24-Oct-16
SiP32419DN-T1-GE4 VISHAY-SiP32419DN-T1-GE4 Datasheet
580Kb / 14P
28 V, 56 m, Load Switch with Programmable Current Limit and Slew Rate Control
24-Oct-16
SiP32419DN-T1-GE4 VISHAY-SiP32419DN-T1-GE4 Datasheet
580Kb / 14P
28 V, 56 m, Load Switch with Programmable Current Limit and Slew Rate Control
24-Oct-16
More results


Similar Description - SIP32419

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25910 TI-TPS25910 Datasheet
1Mb / 25P
3-V to 20-V High-Current Load Switch with Programmable Inrush Slew Rate
logo
Toshiba Semiconductor
TCK101G TOSHIBA-TCK101G Datasheet
318Kb / 12P
1A Load Switch IC with Slew Rate Control Driver
logo
Vishay Siliconix
SIP32419 VISHAY-SIP32419 Datasheet
580Kb / 14P
28 V, 56 m, Load Switch with Programmable Current Limit and Slew Rate Control
24-Oct-16
SIP32430 VISHAY-SIP32430 Datasheet
1,014Kb / 16P
28 V, 99 mΩ, Load Switch with Programmable Current Limit and Slew Rate Control
15-Jun-15
SIP32467 VISHAY-SIP32467 Datasheet
503Kb / 13P
50 mΩ, Slew Rate Controlled Load Switch in WCSP
28-Apr-14
SIP32429 VISHAY-SIP32429 Datasheet
580Kb / 14P
28 V, 56 m, Load Switch with Programmable Current Limit and Slew Rate Control
24-Oct-16
logo
Monolithic Power System...
MP5006 MPS-MP5006 Datasheet
361Kb / 13P
5V, 1A- 5A Programmable Current Limit Switch with Slew Rate Control and Auto Enable
MP5013A MPS-MP5013A Datasheet
494Kb / 14P
5 V, 5 A Programmable Current-Limit Switch with Over-Voltage Clamp and Slew-Rate Control in TSOT23-8
MP5014A MPS-MP5014A Datasheet
520Kb / 14P
12 V, 5 A, Programmable Current-Limit Switch with Over-Volatge Clamp and Slew-Rate Control in TSOT23-8
logo
Vishay Siliconix
SIP32430 VISHAY-SIP32430_V01 Datasheet
1Mb / 17P
28 V, 99 mΩ, Load Switch with Programmable Current Limit and Slew Rate Control
06-Jul-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com