Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1920 Datasheet (PDF) - Maxim Integrated Products

MAX1920 Datasheet PDF - Maxim Integrated Products
Part # MAX1920
Download  MAX1920 Download
File Size   1926.05 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23

MAX1920 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1920 Datasheet PDF - Maxim Integrated Products

Part # MAX1920
Download  MAX1920 Click to download

File Size   1926.05 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23

MAX1920 Datasheet (HTML) - Maxim Integrated Products




Similar Part No. - MAX1920

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1920 MAXIM-MAX1920 Datasheet
370Kb / 9P
Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
Rev 1; 7/02
MAX1920 MAXIM-MAX1920 Datasheet
93Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A April 30, 2003
MAX1920 MAXIM-MAX1920 Datasheet
95Kb / 4P
fully assembled and tested Evaluation Kit
Rev 0; 03/02
MAX1920ETT MAXIM-MAX1920ETT Datasheet
803Kb / 11P
Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
Rev 3; 8/05
MAX1920EUT MAXIM-MAX1920EUT Datasheet
803Kb / 11P
Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
Rev 3; 8/05
More results


Similar Description - MAX1920

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1733 MAXIM-MAX1733 Datasheet
265Kb / 8P
Low-Voltage, Step-Down DC-DC Converters in SOT23
19-1586; Rev 0; 7/00
MAX1920 MAXIM-MAX1920 Datasheet
370Kb / 9P
Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
Rev 1; 7/02
logo
Linear Technology
LTC3523 LINER-LTC3523 Datasheet
252Kb / 16P
Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
logo
Torex Semiconductor
XCL208 TOREX-XCL208 Datasheet
824Kb / 22P
400mA Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
logo
Maxim Integrated Produc...
MAX1921EUT25-T MAXIM-MAX1921EUT25-T Datasheet
803Kb / 11P
Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
Rev 3; 8/05
logo
Skyworks Solutions Inc.
AAT1130 SKYWORKS-AAT1130 Datasheet
2Mb / 18P
2.5MHz 400mA Step-Down DC/DC Converter
logo
Torex Semiconductor
XC9244 TOREX-XC9244 Datasheet
585Kb / 24P
400mA Synchronous Step-Down DC/DC Converters
logo
Linear Technology
LTC3523 LINER-LTC3523_15 Datasheet
263Kb / 16P
Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
LTC3523-2 LINER-LTC3523-2_15 Datasheet
263Kb / 16P
Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
logo
Maxim Integrated Produc...
MAX20021 MAXIM-MAX20021_V01 Datasheet
947Kb / 16P
Automotive Quad, Low-Voltage Step-Down DC-DC Converters
2014
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com