Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIB900EDK Datasheet (PDF) - Vishay Siliconix

SIB900EDK Datasheet PDF - Vishay Siliconix
Part # SIB900EDK
Download  SIB900EDK Download
File Size   138.97 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual N-Channel 20-V (D-S) MOSFET

SIB900EDK Datasheet (PDF)

Go To PDF Page Download Datasheet
SIB900EDK Datasheet PDF - Vishay Siliconix

Part # SIB900EDK
Download  SIB900EDK Click to download

File Size   138.97 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual N-Channel 20-V (D-S) MOSFET

SIB900EDK Datasheet (HTML) - Vishay Siliconix


SIB900EDK Product details

• Halogen-free According to IEC 61249-2-21
Definition
• TrenchFET® Power MOSFET
• New Thermally Enhanced PowerPAK®
SC-75 Package
- Small Footprint Area
- Low On-Resistance
- Thin 0.75 mm Profile
• Typical ESD Protection 2800 V
• Rated ESD Protection 1400 V
• Compliant to RoHS Directive 2002/95/EC




Similar Part No. - SIB900EDK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIB900EDK VISHAY-SIB900EDK Datasheet
229Kb / 9P
Dual N-Channel 20-V (D-S) MOSFET
20-Apr-09
SIB900EDK-T1-GE3 VISHAY-SIB900EDK-T1-GE3 Datasheet
229Kb / 9P
Dual N-Channel 20-V (D-S) MOSFET
20-Apr-09
More results


Similar Description - SIB900EDK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1902DL VISHAY-SI1902DL Datasheet
43Kb / 4P
Dual N-Channel 20-V (D-S) MOSFET
12-Aug-02
SI1912EDH VISHAY-SI1912EDH Datasheet
42Kb / 5P
Dual N-Channel 20-V (D-S) MOSFET
05-Mar-01
SI1902CDL VISHAY-SI1902CDL Datasheet
236Kb / 11P
Dual N-Channel 20 V (D-S) MOSFET
02-May-11
SI5908DC VISHAY-SI5908DC_10 Datasheet
236Kb / 10P
Dual N-Channel 20 V (D-S) MOSFET
08-Mar-10
SI7904BDN VISHAY-SI7904BDN Datasheet
559Kb / 13P
Dual N-Channel 20-V (D-S) MOSFET
29-Dec-08
SI9926CDY VISHAY-SI9926CDY Datasheet
255Kb / 10P
Dual N-Channel 20-V (D-S) MOSFET
27-Apr-09
logo
DinTek Semiconductor Co...
DTM9936 DINTEK-DTM9936 Datasheet
307Kb / 9P
Dual N-Channel 20-V (D-S) MOSFET
DTS2212 DINTEK-DTS2212 Datasheet
306Kb / 9P
Dual N-Channel 20 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
UT6898G-S08-R VBSEMI-UT6898G-S08-R Datasheet
997Kb / 9P
Dual N-Channel 20-V (D-S) MOSFET
SPN9926AS8RGB VBSEMI-SPN9926AS8RGB Datasheet
986Kb / 7P
Dual N-Channel 20-V (D-S) MOSFET
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com