Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2948296 Datasheet (PDF) - PHOENIX CONTACT

2948296 Datasheet PDF - PHOENIX CONTACT
Part # 2948296
Download  2948296 Download
File Size   50.06 Kbytes
Page   2 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Electronic housing - EMG 12-H 15MM KLAR

2948296 Datasheet (PDF)

Go To PDF Page Download Datasheet
2948296 Datasheet PDF - PHOENIX CONTACT

Part # 2948296
Download  2948296 Click to download

File Size   50.06 Kbytes
Page   2 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Electronic housing - EMG 12-H 15MM KLAR

2948296 Datasheet (HTML) - PHOENIX CONTACT


2948296 Product details

Covering hood, for the contact and dust-protected encapsulation of the components, in transparent design. Height: 15 mm, width: 12.5 mm




Similar Part No. - 2948296

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
2948 AEROFLEX-2948 Datasheet
324Kb / 12P
Low Phase Noise Communications Service Monitor
logo
Pomona Electronics
2948 POMONA-2948 Datasheet
23Kb / 1P
Stacking Standard Banana Plug Each End
2948-12- POMONA-2948-12- Datasheet
216Kb / 1P
Patch Cords and Test Leads
2948-12-0 POMONA-2948-12-0 Datasheet
23Kb / 1P
Stacking Standard Banana Plug Each End
2948-12-2 POMONA-2948-12-2 Datasheet
23Kb / 1P
Stacking Standard Banana Plug Each End
More results


Similar Description - 2948296

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2946120 PHOENIX-2946120 Datasheet
57Kb / 2P
Electronic housing - P 1-EMG 17
2946188 PHOENIX-2946188 Datasheet
61Kb / 2P
Electronic housing - P 1-EMG 22
2946243 PHOENIX-2946243 Datasheet
62Kb / 2P
Electronic housing - P 1-EMG 45
2947255 PHOENIX-2947255 Datasheet
64Kb / 2P
Electronic housing - P 1-EMG 50
2947161 PHOENIX-2947161 Datasheet
148Kb / 3P
Covering hood - EMG 37-H 15MM KLAR
11/25/2021
2947381 PHOENIX-2947381 Datasheet
308Kb / 5P
Electronic housing - EMG 75-B14
11/25/2021
2941510 PHOENIX-2941510 Datasheet
48Kb / 1P
Electronic housing - EMG-KA
11/05/2018
2942409 PHOENIX-2942409 Datasheet
79Kb / 3P
Electronic housing - EMG 17-LG/O
11/05/2018
2947116 PHOENIX-2947116 Datasheet
50Kb / 2P
Electronic housing - EMG 12-H 7,5MM KLAR
11/05/2018
2947776 PHOENIX-2947776 Datasheet
50Kb / 2P
Electronic housing - EMG 10-H 15MM KLAR
11/05/2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com