Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OJS-SX Datasheet (PDF) - ETA-USA

OJS-SX Datasheet PDF - ETA-USA
Part # OJS-SX
Download  OJS-SX Download
File Size   227.65 Kbytes
Page   4 Pages
Manufacturer  ETA-USA [ETA-USA]
Direct Link  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA
Description AC/DC SWITCHING POWER SUPPLY AC INPUT 85~264 SINGLE CHANNEL OUTPUT 10 WATTS

OJS-SX Datasheet (PDF)

Go To PDF Page Download Datasheet
OJS-SX Datasheet PDF - ETA-USA

Part # OJS-SX
Download  OJS-SX Click to download

File Size   227.65 Kbytes
Page   4 Pages
Manufacturer  ETA-USA [ETA-USA]
Direct Link  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA
Description AC/DC SWITCHING POWER SUPPLY AC INPUT 85~264 SINGLE CHANNEL OUTPUT 10 WATTS

OJS-SX Datasheet (HTML) - ETA-USA


OJS-SX Product details

Input
Input Voltage:AC100-240V(DC130-320V)
Input Range:AC85-264V(DC110-370V)
Input Current:0.3-0.13A [FOR OJS3.3SX: 0.22-0.08A]
Frequency:50/60Hz
Input Frequency Range:47-440Hz
Phase:Single
Inrush Current: *1 20A(typical) at AC100V/48A(typical) at AC240V
Leakage Current:40uA(typical) at Ta=25C, 50Hz and AC100Vin 50Hz(measured
by Yokogawa type-3226 1K Ohm/0.1uF)




Similar Part No. - OJS-SX

ManufacturerPart #DatasheetDescription
logo
ETA-USA
OJS-SA ETA-USA-OJS-SA Datasheet
337Kb / 3P
AC/DC SWITCHING POWER SUPPLY AC INPUT 85~132 SINGLE CHANNEL OUTPUT 10 WATTS
More results


Similar Description - OJS-SX

ManufacturerPart #DatasheetDescription
logo
ETA-USA
BJS-FWA-U ETA-USA-BJS-FWA-U Datasheet
1Mb / 3P
AC/DC SWITCHING POWER SUPPLY AC INPUT 85~132V DUAL CHANNEL OUTPUT 10 WATTS
BJS-SA-U ETA-USA-BJS-SA-U Datasheet
1Mb / 6P
AC/DC SWITCHING POWER SUPPLY AC INPUT 85~132V SINGLE CHANNEL OUTPUT 150 WATTS
ERS-SA ETA-USA-ERS-SA Datasheet
837Kb / 3P
AC/DC SWITCHING POWER SUPPLY INPUT: 85~132VAC SINGLE OUTPUT 10 WATTS
OJS-SA ETA-USA-OJS-SA Datasheet
337Kb / 3P
AC/DC SWITCHING POWER SUPPLY AC INPUT 85~132 SINGLE CHANNEL OUTPUT 10 WATTS
VTS-SA ETA-USA-VTS-SA Datasheet
1Mb / 4P
AC/DC SWITCHING POWER SUPPLY INPUT: 85~132VAC SINGLE OUTPUT 10 WATTS
BFD-SX-U1 ETA-USA-BFD-SX-U1 Datasheet
296Kb / 5P
AC/DC SWITCHING POWER SUPPLY AC INPUT 85~264V SINGLE CHANNEL OUTPUT 100 WATTS
BFE-SX-U1 ETA-USA-BFE-SX-U1 Datasheet
306Kb / 4P
AC/DC SWITCHING POWER SUPPLY AC INPUT 85~264 SINGLE CHANNEL OUTPUT 150 WATTS
PFD-SX-U1 ETA-USA-PFD-SX-U1 Datasheet
1Mb / 4P
AC/DC SWITCHING POWER SUPPLY AC INPUT 85~264 SINGLE CHANNEL OUTPUT 120 WATTS
PFDJ21FWX-B-U1 ETA-USA-PFDJ21FWX-B-U1 Datasheet
305Kb / 2P
AC/DC SWITCHING POWER SUPPLY AC INPUT 85~264 DUAL CHANNEL OUTPUT 120 WATTS
ERE-SA-U ETA-USA-ERE-SA-U Datasheet
498Kb / 3P
AC/DC SWITCHING POWER SUPPLY AC INPUT 85~132V SINGLE CHANNEL OUTPUT 150 WATTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com