Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI9112 Datasheet (PDF) - Vishay Siliconix

SI9112 Datasheet PDF - Vishay Siliconix
Part # SI9112
Download  SI9112 Download
File Size   161.94 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High-Voltage Switchmode Controller

SI9112 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI9112 Datasheet PDF - Vishay Siliconix

Part # SI9112
Download  SI9112 Click to download

File Size   161.94 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High-Voltage Switchmode Controller

SI9112 Datasheet (HTML) - Vishay Siliconix


SI9112 Product details

FEATURES
9- to 80-V Input Range
Current-Mode Control
High-Speed, Source-Sink Output Drive
High Efficiency Operation (> 80%)
Internal Start-Up Circuit
Internal Oscillator (1 MHz)
SHUTDOWN and RESET
DESCRIPTION
The Si9112 is a BiC/DMOS integrated circuit designed for use
in high-efficiency switchmode power converters. A
high-voltage DMOS input allows this controller to work over a
wide range of input voltages (9- to 80-VDC). Current-mode
PWM control circuitry is implemented in CMOS to reduce
internal power consumption to less than 10 mW.
A CMOS output driver provides high-speed switching of
MOSPOWER devices large enough to supply 50 W of output
power. When combined with an output MOSFET and
transformer, the Si9112 can be used to implement
single-ended power converter topologies (i.e., flyback,
forward, and cuk).
The Si9112 is available in both standard and lead (Pb)-free
14-pin plastic DIP and SOIC packages which are specified to
operate over the industrial temperature range of −40 C to
85 C.




Similar Part No. - SI9112

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9112 VISHAY-SI9112 Datasheet
71Kb / 6P
High-Voltage Switchmode Controller
15-Nov-04
SI9112DJ VISHAY-SI9112DJ Datasheet
71Kb / 6P
High-Voltage Switchmode Controller
15-Nov-04
SI9112DJ-E3 VISHAY-SI9112DJ-E3 Datasheet
71Kb / 6P
High-Voltage Switchmode Controller
15-Nov-04
SI9112DY VISHAY-SI9112DY Datasheet
71Kb / 6P
High-Voltage Switchmode Controller
15-Nov-04
SI9112DY-T1 VISHAY-SI9112DY-T1 Datasheet
71Kb / 6P
High-Voltage Switchmode Controller
15-Nov-04
More results


Similar Description - SI9112

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9110 VISHAY-SI9110 Datasheet
107Kb / 8P
High-Voltage Switchmode Controllers
15-Nov-04
SI9114A VISHAY-SI9114A Datasheet
80Kb / 5P
High-Frequency Switchmode Controller
15-Nov-04
SI9145 VISHAY-SI9145 Datasheet
74Kb / 10P
Low-Voltage Switchmode Controller
19-Apr-04
SI9112 VISHAY-SI9112 Datasheet
71Kb / 6P
High-Voltage Switchmode Controller
15-Nov-04
SI9110 VISHAY-SI9110_11 Datasheet
167Kb / 9P
High-Voltage Switchmode Controllers
16-May-11
logo
Teledyne Technologies I...
TSC9110 TELEDYNE-TSC9110 Datasheet
457Kb / 7P
high-voltage switchmode controllers
logo
Vishay Siliconix
SI9104 VISHAY-SI9104 Datasheet
121Kb / 5P
High-Voltage Switchmode Regulator
05-Apr-99
SI9110 VISHAY-SI9110_V01 Datasheet
170Kb / 10P
High-Voltage Switchmode Controllers
15-Nov-04
SI9114A VISHAY-SI9114A_V01 Datasheet
169Kb / 8P
High-Frequency Switchmode Controller
15-Nov-04
SI9145 VISHAY-SI9145_V01 Datasheet
214Kb / 14P
Low-Voltage Switchmode Controller
19-Apr-04
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com