Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI9145 Datasheet (PDF) - Vishay Siliconix

SI9145 Datasheet PDF - Vishay Siliconix
Part # SI9145
Download  SI9145 Download
File Size   214.49 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Voltage Switchmode Controller

SI9145 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI9145 Datasheet PDF - Vishay Siliconix

Part # SI9145
Download  SI9145 Click to download

File Size   214.49 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Voltage Switchmode Controller

SI9145 Datasheet (HTML) - Vishay Siliconix


SI9145 Product details

FEATURES
2.7-V to 7-V Input Operating Range
Voltage-Mode PWM Control
High-Speed, Source-Sink Output Drive (200 mA)
Internal Oscillator (up to 2 MHz)
Standby Mode
0−100% Controllable Maximum Duty-Cycle
DESCRIPTION
The Si9145 switchmode controller IC is ideally suited for high
efficiency dc/dc converters in low input voltage systems.
Operation is guaranteed down to 2.7 V, with a minimum
start-up voltage of 3.0 V making the Si9145 ideal for use with
NiCd, NMH, and lithium ion battery packs. A mode select pin
allows the output driver polarity to be programmed allowing the
device to function as a step-up or step-down converter.
Features include a precision bandgap reference, a wide
bandwidth error amplifier, a 2-MHz oscillator, an input voltage
monitor with standby mode and a 200-mA output driver.
Supply current in normal operation is typically 1.1 mA and
250 A in standby mode.
The Si9145 implements conventional voltage mode control.
The maximum duty cycle in boost mode can be limited by
voltage on DMAX/SS pin. Frequency can be externally
programmed by selection of ROSC and COSC.
The Si9145 is available in both standard and lead (Pb)-free
16-pin SOIC and TSSOP packages and is specified over the
industrial temperature range (−25 C to 85 C).




Similar Part No. - SI9145

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9145 VISHAY-SI9145 Datasheet
74Kb / 10P
Low-Voltage Switchmode Controller
19-Apr-04
SI9145BQ-T1 VISHAY-SI9145BQ-T1 Datasheet
74Kb / 10P
Low-Voltage Switchmode Controller
19-Apr-04
SI9145BQ-T1-E3 VISHAY-SI9145BQ-T1-E3 Datasheet
74Kb / 10P
Low-Voltage Switchmode Controller
19-Apr-04
More results


Similar Description - SI9145

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9110 VISHAY-SI9110 Datasheet
107Kb / 8P
High-Voltage Switchmode Controllers
15-Nov-04
SI9120 VISHAY-SI9120 Datasheet
85Kb / 6P
Universal Input Switchmode Controller
15-Nov-04
SI9114A VISHAY-SI9114A Datasheet
80Kb / 5P
High-Frequency Switchmode Controller
15-Nov-04
SI9145 VISHAY-SI9145 Datasheet
74Kb / 10P
Low-Voltage Switchmode Controller
19-Apr-04
SI9112 VISHAY-SI9112 Datasheet
71Kb / 6P
High-Voltage Switchmode Controller
15-Nov-04
logo
Teledyne Technologies I...
TSC9110 TELEDYNE-TSC9110 Datasheet
457Kb / 7P
high-voltage switchmode controllers
logo
Vishay Siliconix
SI9110 VISHAY-SI9110_V01 Datasheet
170Kb / 10P
High-Voltage Switchmode Controllers
15-Nov-04
SI9112 VISHAY-SI9112_V01 Datasheet
161Kb / 9P
High-Voltage Switchmode Controller
15-Nov-04
SI9114A VISHAY-SI9114A_V01 Datasheet
169Kb / 8P
High-Frequency Switchmode Controller
15-Nov-04
SI9120 VISHAY-SI9120_V01 Datasheet
170Kb / 9P
Universal Input Switchmode Controller
15-Nov-04
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com