Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI9730 Datasheet (PDF) - Vishay Siliconix

SI9730 Datasheet PDF - Vishay Siliconix
Part # SI9730
Download  SI9730 Download
File Size   194.07 Kbytes
Page   15 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual-Cell Lithium Ion Battery Control IC

SI9730 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI9730 Datasheet PDF - Vishay Siliconix

Part # SI9730
Download  SI9730 Click to download

File Size   194.07 Kbytes
Page   15 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual-Cell Lithium Ion Battery Control IC

SI9730 Datasheet (HTML) - Vishay Siliconix


SI9730 Product details

FEATURES
• Over-Charge Protection
• Over-Discharge Protection
• Short Circuit Current Limiting
• Battery Open-Circuit Center Tap Protection
• Cell Voltage Balancing
• Undervoltage Lockout
• Individual Cell Voltage Monitoring
• Low Operating Current (30 μA) and Shutdown Current
(1 μA)
• Internal N-Channel MOSFET Driver
• High Noise Immunity
• Accurate (± 1.19 %) Over-Charge Voltage Detection
• Four Different Cell Types Covered
DESCRIPTION
The Si9730 monitors the charging and discharging of dualcell
lithium-ion battery packs (carbon or coke chemistry)
ensuring that battery capacity is fully utilized while ensuring
safe operation. The Si9730 provides protection against overcharge,
over-discharge, and short circuit conditions which
are hazardous to the battery and the environment.
Battery voltages of each individual cell are monitored at the
center-tap connection by an internal A/D converter through
the VC pin. If one or both of the cells is determined to be
overcharged, an internal cell balancing network "bleeds" off
current at 15 μA until both cells are charged to the same
maximum level. Depending on the condition of each cell, the
Si9730 will switch two external source-connected N-Channel
MOSFETs on or off to allow the cells to be charged or to provide
current to the load.
The Si9730 is available in an 8-pin SOIC package with an
operating temperature range of - 25 to 85 °C. The Si9730 is
available in both standard and lead (Pb)-free packages.




Similar Part No. - SI9730

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9730 VISHAY-SI9730 Datasheet
116Kb / 14P
Dual-Cell Lithium Ion Battery Control IC
16-Feb-04
SI9730ABY-T1 VISHAY-SI9730ABY-T1 Datasheet
116Kb / 14P
Dual-Cell Lithium Ion Battery Control IC
16-Feb-04
SI9730ABY-T1-E3 VISHAY-SI9730ABY-T1-E3 Datasheet
116Kb / 14P
Dual-Cell Lithium Ion Battery Control IC
16-Feb-04
SI9730BBY-T1 VISHAY-SI9730BBY-T1 Datasheet
116Kb / 14P
Dual-Cell Lithium Ion Battery Control IC
16-Feb-04
SI9730BBY-T1-E3 VISHAY-SI9730BBY-T1-E3 Datasheet
116Kb / 14P
Dual-Cell Lithium Ion Battery Control IC
16-Feb-04
More results


Similar Description - SI9730

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62253FP MITSUBISHI-M62253FP Datasheet
62Kb / 5P
LITHIUM ION BATTERY CHARGER CONTROL IC
logo
Vishay Siliconix
SI9730 VISHAY-SI9730 Datasheet
116Kb / 14P
Dual-Cell Lithium Ion Battery Control IC
16-Feb-04
logo
Sanyo Semicon Device
LA5621M SANYO-LA5621M Datasheet
94Kb / 6P
Lithium-Ion Battery Charge Control IC
logo
Renesas Technology Corp
M62242FP RENESAS-M62242FP Datasheet
126Kb / 9P
Lithium-Ion Battery Charger Control IC
R2A20050ANS RENESAS-R2A20050ANS_15 Datasheet
301Kb / 14P
Lithium-ion battery charger control IC
logo
Mitsumi Electronics, Co...
MM3358 MITSUMI-MM3358 Datasheet
187Kb / 27P
Lithium-Ion Battery Charge Control IC
MM3439 MITSUMI-MM3439 Datasheet
161Kb / 27P
Lithium-Ion Battery Charge Control IC
MM3458 MITSUMI-MM3458 Datasheet
210Kb / 29P
Lithium-ion battery charge control IC
MM3635 MITSUMI-MM3635 Datasheet
168Kb / 25P
Lithium-ion battery charge control IC
MM8013 MITSUMI-MM8013 Datasheet
46Kb / 3P
Lithium-ion battery charge control IC
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com