Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI9912 Datasheet (PDF) - Vishay Siliconix

SI9912 Datasheet PDF - Vishay Siliconix
Part # SI9912
Download  SI9912 Download
File Size   166.87 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Half-Bridge MOSFET Driver for Switching Power Supplies

SI9912 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI9912 Datasheet PDF - Vishay Siliconix

Part # SI9912
Download  SI9912 Click to download

File Size   166.87 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Half-Bridge MOSFET Driver for Switching Power Supplies

SI9912 Datasheet (HTML) - Vishay Siliconix


SI9912 Product details

FEATURES
• 4.5- to 5.5-V Operation
• Undervoltage Lockout
• 250-kHz to 1-MHz Switching Frequency
• Shutdown Quiescent Current <5 μA
• One Input PWM Signal Generates Both Drive
• Bootstrapped High-Side Drive
• Operates from 4.5- to 30-V Supply
• TTL/CMOS Compatible Input Levels
• 1-A Peak Drive Current
• Break-Before-Make Circuit
APPLICATIONS
• Multiphase Desktop CPU Supplies
• Single-Supply Synchronous Buck Converters
• Mobile Computing CPU Core Power Converters
• Standard-Synchronous Converters
• High Frequency Switching Converters
DESCRIPTION
The Si9912 is a dual MOSFET high-speed driver with
break-before-make. It is designed to operate in high frequency
dc-dc switchmode power supplies. The high-side driver is
bootstrapped to handle the high voltage slew rate associated
with “floating” high-side gate drivers. Each driver is capable of
switching a 3000-pF load with 60-ns propogation delay and
25-ns transition time. The Si9912 comes with an internal
break-before-make feature to prevent shoot-through current in
the external MOSFETs. A shutdown pin is used to enable the
driver. When disabled, the quiescent current of the driver is
less than 5 A.
The Si9912 is available in both standard and lead (Pb)-free, 8-pin
SOIC packages for operation over the industrial operation range
(−40℃ to 85℃).




Similar Part No. - SI9912

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9912 VISHAY-SI9912 Datasheet
95Kb / 8P
Half-Bridge MOSFET Driver for Switching Power Supplies
16-Feb-04
SI9912DY VISHAY-SI9912DY Datasheet
95Kb / 8P
Half-Bridge MOSFET Driver for Switching Power Supplies
16-Feb-04
SI9912DY-T1 VISHAY-SI9912DY-T1 Datasheet
95Kb / 8P
Half-Bridge MOSFET Driver for Switching Power Supplies
16-Feb-04
SI9912DY-T1-E3 VISHAY-SI9912DY-T1-E3 Datasheet
95Kb / 8P
Half-Bridge MOSFET Driver for Switching Power Supplies
16-Feb-04
More results


Similar Description - SI9912

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1158 LINER-LT1158 Datasheet
426Kb / 20P
Half Bridge N-Channel Power MOSFET Driver
logo
Micrel Semiconductor
MIC5022 MICREL-MIC5022 Datasheet
130Kb / 9P
Half-Bridge MOSFET Driver
logo
Vishay Siliconix
SI9912 VISHAY-SI9912 Datasheet
95Kb / 8P
Half-Bridge MOSFET Driver for Switching Power Supplies
16-Feb-04
logo
Micrel Semiconductor
MIC5022 MICREL-MIC5022_05 Datasheet
198Kb / 10P
Half-Bridge MOSFET Driver
logo
Vishay Siliconix
SI9913 VISHAY-SI9913_04 Datasheet
106Kb / 9P
Half-Bridge MOSFET Driver for Switching Power Supplies
16-Feb-04
logo
Toshiba Semiconductor
TPD7211F TOSHIBA-TPD7211F Datasheet
253Kb / 13P
Power MOSFET Gate Driver for half-bridge
logo
Linear Dimensions Semic...
LT1158CSW LINEAR_DIMENSIONS-LT1158CSW Datasheet
250Kb / 22P
Half Bridge N-Channel Power MOSFET Driver
LT1158ISW LINEAR_DIMENSIONS-LT1158ISW Datasheet
250Kb / 22P
Half Bridge N-Channel Power MOSFET Driver
logo
Linear Technology
LT1158 LINER-LT1158_15 Datasheet
250Kb / 22P
Half Bridge N-Channel Power MOSFET Driver
logo
Toshiba Semiconductor
TPD7211F TOSHIBA-TPD7211F_13 Datasheet
254Kb / 13P
Power MOSFET Gate Driver for half-bridge
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com