Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8XC52 Datasheet (PDF) - NXP Semiconductors

8XC52 Datasheet PDF - NXP Semiconductors
Part # 8XC52
Download  8XC52 Download
File Size   348.37 Kbytes
Page   55 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit CMOS (low voltage, low power and high speed) microcontroller families

8XC52 Datasheet (PDF)

Go To PDF Page Download Datasheet
8XC52 Datasheet PDF - NXP Semiconductors

Part # 8XC52
Download  8XC52 Click to download

File Size   348.37 Kbytes
Page   55 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit CMOS (low voltage, low power and high speed) microcontroller families

8XC52 Datasheet (HTML) - NXP Semiconductors


8XC52 Product details

DESCRIPTION

Three different Single-Chip 8-Bit Microcontroller families are presented in this datasheet:



•80C32/8XC52/8XC54/8XC58

•80C51FA/8XC51FA/8XC51FB/8XC51FC

•80C51RA+/8XC51RA+/8XC51RB+/8XC51RC+/8XC51RD+



For applications requiring 4K ROM/EPROM, see the 8XC51/80C31 8-bit CMOS (low voltage, low power, and high speed) microcontroller families datasheet.



FEATURES

•80C51 Central Processing Unit

•Speed up to 33MHz

•Full static operation

•Operating voltage range: 2.7V to 5.5V @ 16MHz

•Security bits:

–ROM – 2 bits

–OTP–EPROM – 3 bits

•Encryption array – 64 bytes

•RAM expandable to 64K bytes

•4 level priority interrupt

•6 or7 interrupt sources, depending on device

•Four 8-bit I/O ports

•Full-duplex enhanced UART

–Framing error detection

–Automatic address recognition

•Power control modes

–Clock can be stopped and resumed

–Idle mode

–Power down mode

•Programmable clock out

•Second DPTR register

•Asynchronous port reset

•Low EMI (inhibit ALE)




Similar Part No. - 8XC52

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
8XC52 NXP-8XC52 Datasheet
238Kb / 32P
80C51 8-bit microcontroller family 128/256 byte RAM ROMless low voltage (2.7 V–5.5 V), low power, high speed (33 MHz)
2000 Aug 07
More results


Similar Description - 8XC52

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P156E EMC-EM78P156E Datasheet
141Kb / 28P
8-bit microprocessor with low-power and high-speed CMOS technology
EM78P156EH EMC-EM78P156EH Datasheet
344Kb / 39P
8-bit microprocessor with low-power and high-speed CMOS technology
LEM78P153 EMC-LEM78P153 Datasheet
1Mb / 19P
8-bit microprocessor with low-power and high-speed CMOS technology
logo
Integrated Silicon Solu...
IS80LV51 ISSI-IS80LV51 Datasheet
339Kb / 43P
CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80CL31N INTEGRAL-IN80CL31N Datasheet
119Kb / 2P
CMOS LOW-VOLTAGE SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Integrated Silicon Solu...
IS80LV52 ISSI-IS80LV52 Datasheet
385Kb / 48P
CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
Integrated Circuit Solu...
IC80LV51 ICSI-IC80LV51 Datasheet
124Kb / 20P
CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IC80LV52 ICSI-IC80LV52 Datasheet
131Kb / 22P
CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
Integrated Silicon Solu...
IS80C52 ISSI-IS80C52 Datasheet
382Kb / 48P
CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
Exar Corporation
XRD87L75 EXAR-XRD87L75 Datasheet
1Mb / 15P
Low-Voltage CMOS 8-Bit High-Speed Analog-to-Digital Converter
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com