Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI9978 Datasheet (PDF) - Vishay Siliconix

SI9978 Datasheet PDF - Vishay Siliconix
Part # SI9978
Download  SI9978 Download
File Size   283.81 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Configurable H-Bridge Driver

SI9978 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI9978 Datasheet PDF - Vishay Siliconix

Part # SI9978
Download  SI9978 Click to download

File Size   283.81 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Configurable H-Bridge Driver

SI9978 Datasheet (HTML) - Vishay Siliconix


SI9978 Product details

FEATURES
H-Bridge or Dual Half-Bridge Operation
20- to 40-V Supply
Static (dc) Operation
Cross-Conduction Protected
Current Limit
Undervoltage Lockout
ESD Protected
Fault Output
DESCRIPTION
The Si9978 is an integrated driver for an n-channel MOSFET
H-bridge. The mode control allows operation as either a full
H-bridge driver or as two independent half-bridges. The
DIR/PWM input configuration allows easy implementation of
either sign/magnitude or anti-phase PWM drive schemes for
full H-bridges. Schmitt triggers on the inputs provide logic
signal compatibility and hysteresis for increased noise
immunity. An internal low-voltage regulator allows the device
to be powered directly from a system supply of 20 to 40 volts.
All n-channel gates are driven directly from low-impedance
outputs. The addition of one external capacitor per half-bridge
allows internal circuitry to level shift both the power supply and
logic signal for the high-side n-channel gate drives. Internal
charge pumps replace leakage current lost in the high-side
driver circuits to provide “static” (dc) operation in any output
condition. Protection features include an undervoltage
lockout, cross-conduction prevention logic, and overcurrent
monitors.
The Si9978 is available in both standard and lead (Pb)-free,
24-pin wide-body SOIC (surface mount) packages, specified
to operate over the industrial (−40 to +85 ℃) temperature
range.




Similar Part No. - SI9978

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9978 VISHAY-SI9978 Datasheet
165Kb / 6P
Configurable H-Bridge Driver
05-Apr-99
SI9978 VISHAY-SI9978 Datasheet
67Kb / 6P
Configurable H-Bridge Driver
26-Apr-04
SI9978DW VISHAY-SI9978DW Datasheet
165Kb / 6P
Configurable H-Bridge Driver
05-Apr-99
SI9978DW VISHAY-SI9978DW Datasheet
67Kb / 6P
Configurable H-Bridge Driver
26-Apr-04
SI9978DW-T1 VISHAY-SI9978DW-T1 Datasheet
67Kb / 6P
Configurable H-Bridge Driver
26-Apr-04
More results


Similar Description - SI9978

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9978DW VISHAY-SI9978DW Datasheet
165Kb / 6P
Configurable H-Bridge Driver
05-Apr-99
logo
Cherry Semiconductor Co...
CS3720 CHERRY-CS3720 Datasheet
159Kb / 4P
2A H-Bridge Driver
Rev. 5/4/99
logo
Vishay Siliconix
SI9978 VISHAY-SI9978 Datasheet
67Kb / 6P
Configurable H-Bridge Driver
26-Apr-04
logo
Freescale Semiconductor...
33186 FREESCALE-33186 Datasheet
302Kb / 21P
H-Bridge Driver
logo
Rohm
BD62222HFP ROHM-BD62222HFP Datasheet
284Kb / 11P
H-bridge driver
BD62321HFP ROHM-BD62321HFP Datasheet
259Kb / 11P
H-bridge driver
logo
Freescale Semiconductor...
33186 FREESCALE-33186_11 Datasheet
477Kb / 24P
H-Bridge Driver
MC33186DH1 FREESCALE-MC33186DH1 Datasheet
659Kb / 24P
H-Bridge Driver
MC33186VW2R2 FREESCALE-MC33186VW2R2 Datasheet
659Kb / 24P
H-Bridge Driver
logo
New Japan Radio
NJM2675 NJRC-NJM2675 Datasheet
300Kb / 8P
H BRIDGE DRIVER
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com