Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB4500A Datasheet (PDF) - Hammond Manufacturing Ltd.

HB4500A Datasheet PDF - Hammond Manufacturing Ltd.
Part # HB4500A
Download  HB4500A Download
File Size   110.55 Kbytes
Page   1 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Rack Mount Intake Blowers

HB4500A Datasheet (PDF)

Go To PDF Page Download Datasheet
HB4500A Datasheet PDF - Hammond Manufacturing Ltd.

Part # HB4500A
Download  HB4500A Click to download

File Size   110.55 Kbytes
Page   1 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Rack Mount Intake Blowers

HB4500A Datasheet (HTML) - Hammond Manufacturing Ltd.


HB4500A Product details

Features
Standard 19" rack mount
Air delivery from more than 50% of their 17" width
Internal neoprene isolation mounts reduce transmission of vibration to the rack
Air intake only, to pressurize the rack with filtered air
Heavy steel construction
Attractive 19" stainless steel grille included
115 VAC, 50/60 Hz. motor is UL recognized, CSA certified, ball bearing type, cooled by
incoming air
Includes permanent filter (replacement filters available below)
Comes with a 6ft STJ 3- wire cord
Optional replacement filters come in a pack of five (5).
TAA-compliant for GSA Schedule purchases.
RoHS Compliant.
Manufactured in North America.




Similar Part No. - HB4500A

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
HB4500A HAMMOND-HB4500A Datasheet
423Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HB4500A HAMMOND-HB4500A Datasheet
49Kb / 1P
Rack Mount Intake Blowers HB Series
More results


Similar Description - HB4500A

ManufacturerPart #DatasheetDescription
logo
ORION FANS
ODB5009-12HB ORIONFANS-ODB5009-12HB Datasheet
118Kb / 1P
DC Blowers
logo
List of Unclassifed Man...
B5015M ETC2-B5015M Datasheet
380Kb / 1P
DC BLOWERS
B5020L ETC2-B5020L Datasheet
345Kb / 1P
DC BLOWERS
UF133(91)APA12-H1S2A ETC2-UF133(91)APA12-H1S2A Datasheet
489Kb / 1P
AC BLOWERS
UF160DPB12-H1S2A ETC2-UF160DPB12-H1S2A Datasheet
430Kb / 1P
AC BLOWERS
logo
ebm-papst
QLN65AC EBMPAPST-QLN65AC Datasheet
72Kb / 1P
Tangential blowers
QLN65 EBMPAPST-QLN65 Datasheet
72Kb / 1P
Tangential blowers
logo
Copal Electronics
TF037C-2100-F COPAL-TF037C-2100-F Datasheet
208Kb / 6P
Blowers Outline
TF037E-2000-F COPAL-TF037E-2000-F Datasheet
254Kb / 8P
Blowers Outline
logo
Mechatronics, Inc.
UF160DPB MECHATRONICS-UF160DPB Datasheet
421Kb / 1P
AC BLOWERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com