Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HWCSD2418UBK Datasheet (PDF) - Hammond Manufacturing Ltd.

HWCSD2418UBK Datasheet PDF - Hammond Manufacturing Ltd.
Part # HWCSD2418UBK
Download  HWCSD2418UBK Download
File Size   316.72 Kbytes
Page   4 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Swing-Out Sectional Wall Mount Rack Cabinet

HWCSD2418UBK Datasheet (PDF)

Go To PDF Page Download Datasheet
HWCSD2418UBK Datasheet PDF - Hammond Manufacturing Ltd.

Part # HWCSD2418UBK
Download  HWCSD2418UBK Click to download

File Size   316.72 Kbytes
Page   4 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Swing-Out Sectional Wall Mount Rack Cabinet

HWCSD2418UBK Datasheet (HTML) - Hammond Manufacturing Ltd.


HWCSD2418UBK Product details

Available in three (3) heights, two (2) widths and two (2) depths.
Optional locking doors are constructed in 16-gauge steel. The door installs in minutes and
is available in the vented, tinted window and solid options.
The main body is constructed in 16-gauge welded steel and includes four (4) vents for
optional fans on the sides of the cabinet.
The main body can be installed to swing from left-to-right or right-to-left.
Includes one (1) pair of adjustable depth 10-32 tapped EIA compliant mounting rack rails.
Thirty (30) inch wide mounting rails include cutouts for optional 1U 19"
accessories, such as cable management or power bars.
10-32 tapped rails are easy to remove on-site and replace with square hole rails
(sold separately) if needed.
Includes starter pack of SCREW1032-50 screws.




Similar Part No. - HWCSD2418UBK

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
HWCSD2418UBK HAMMOND-HWCSD2418UBK Datasheet
110Kb / 2P
HWC Locking Door HWCD Series
1/12/22
More results


Similar Description - HWCSD2418UBK

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRW6U TRIPPLITE-SRW6U Datasheet
524Kb / 3P
SmartRack 6U Wall-Mount Standard-Depth Rack Enclosure Cabinet, Black
SRW6UW TRIPPLITE-SRW6UW Datasheet
530Kb / 3P
SmartRack 6U Wall-Mount Standard-Depth Rack Enclosure Cabinet, White
SRW9U TRIPPLITE-SRW9U Datasheet
527Kb / 3P
SmartRack 9U Wall-Mount Standard-Depth Rack Enclosure Cabinet
SRW10US TRIPPLITE-SRW10US Datasheet
509Kb / 3P
SmartRack 10U Vertical Wall-Mount Standard-Depth Rack Enclosure Cabinet
SRW12UHD TRIPPLITE-SRW12UHD Datasheet
547Kb / 2P
SmartRack 12U Heavy-Duty Side-Mount Wall-Mount Rack Enclosure Cabinet
SRW18US TRIPPLITE-SRW18US Datasheet
505Kb / 3P
SmartRack 18U Hinged Wall-Mount Standard-Depth Rack Enclosure Cabinet
SRW18US13 TRIPPLITE-SRW18US13 Datasheet
522Kb / 2P
SmartRack 18U Slim Wall-Mount Standard-Depth Rack Enclosure Cabinet
logo
Hammond Manufacturing L...
HWFWD3036UWH HAMMOND-HWFWD3036UWH Datasheet
335Kb / 3P
Swing-Out Wall Mount and Floor Rack Cabinet
5/1/22
logo
Kendall Howard
1915-3-100-08 KENDALLHOWARD-1915-3-100-08 Datasheet
362Kb / 1P
SECURITY WALL MOUNT CABINET
3130-3-001-06 KENDALLHOWARD-3130-3-001-06 Datasheet
474Kb / 1P
LINIER SWING OUT WALL MOUNT CABINETS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com